| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE0404 bảng dữ liệu(PDF) 20 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE0404 bảng dữ liệu(HTML) 20 Page - Tyco Electronics |
|
20 / 30 page ![]() Catalogue No. 1308111 Issued 03/2008 Dimensions are in mm and are shown for reference purposes only. Specifications subject to change. www.tycoelectronics.com Switches 19 Preferred Part Numbers - Slide Switches ASE Series ASF Series Product key Type Contact material Mounting Part number A AS SE E ASE2204 DPDT Ag THT 1825010-1 ASE22G04 Au 1825010-2 ASE22GL04 SMT/L 1825010-5 ASE22GS04 SMT/rev. L 1825010-7 ASE22L04 Ag SMT/L 1825010-6 ASE22S04 SMT/rev. L 1825010-8 ASE4204 4PDT THT 1-1825010-3 ASE42G04 Au 1-1825010-4 ASE42GL04 SMT/L 1-1825010-7 ASE42L04 Ag 1-1825010-8 ASE42S04 SMT/rev. L 2-1825010-0 ASE6204 6PDT THT 3-1825010-7 ASE62G04 Au 3-1825010-8 ASE62GL04 SMT/L 4-1825010-1 ASE62L04 Ag 4-1825010-2 A AS SE E S Siid de e A Ac cttu ua atto orr ASE22R04 DPDT Ag THT 1825010-3 ASE22RG04 Au 1825010-4 ASE22RGS04 SMT/rev. L 1-1825010-1 ASE22RL04 Ag SMT/L 1-1825010-0 ASE22RS04 SMT/rev. L 1-1825010-2 ASE42R04 4PDT THT 1-1825010-5 ASE42RG04 Au 1-1825010-6 ASE42RGL04 SMT/L 2-1825010-1 ASE42RL04 Ag 2-1825010-2 ASE42RS04 SMT/rev. L 2-1825010-4 ASE43R04 4P3T THT 2-1825010-7 ASE43RG04 Au 2-1825010-8 ASE62R04 6PDT Ag 3-1825010-9 ASE62RG04 Au 4-1825010-0 ASE62RGL04 SMT/L 4-1825010-5 ASE62RL04 Ag 4-1825010-6 Product key Type Contact material Mounting Part number A AS SF F ASF2204 DPDT Ag THT 1825011-1 ASF22G04 Au 1825011-2 ASF22GL04 SMT/L 1825011-5 ASF22GS04 SMT/rev. L 1825011-9 ASF22L04 Ag SMT/L 1825011-7 ASF22S04 SMT/rev. L 1-1825011-1 ASF4204 4PDT THT 2-1825011-1 ASF42G04 Au 2-1825011-2 ASF42GL04 SMT/L 2-1825011-5 ASF42L04 Ag 2-1825011-7 ASF42S04 SMT/rev. L 3-1825011-1 ASF6204 6PDT THT 6-1825011-1 ASF62G04 Au 6-1825011-2 ASF62GL04 SMT/L 6-1825011-5 ASF62L04 Ag 6-1825011-7 ASF62S04 SMT/rev. L 7-1825011-1 A AS SF F S Siid de e A Ac cttu ua atto orr ASF22R04 DPDT Ag THT 1825011-3 ASF22RG04 Au 1825011-4 ASF22RGL04 SMT/L 1-1825011-3 ASF22RGS04 SMT/rev. L 1-1825011-7 ASF22RS04 Ag 1-1825011-9 ASF42R04 4PDT THT 2-1825011-3 ASF42RG04 Au 2-1825011-4 ASF42RGL04 SMT/L 3-1825011-3 ASF42RL04 Ag 3-1825011-5 ASF42STR04 SMT/rev. L 3-1825011-2 ASF62R04 6PDT THT 6-1825011-3 ASF62RG04 Au 6-1825011-4 ASF62RGL04 SMT/L 7-1825011-3 ASF62RGS04 SMT/rev. L 7-1825011-7 |