| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GDHL08STR bảng dữ liệu(PDF) 22 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
GDHL08STR bảng dữ liệu(HTML) 22 Page - Tyco Electronics |
|
22 / 30 page ![]() Catalogue No. 1308111 Issued 03/2008 Dimensions are in mm and are shown for reference purposes only. Specifications subject to change. www.tycoelectronics.com Switches 21 Preferred Part Numbers - Slide Switches (Continued) MSSA-01/04 MHS Series SSJ Series SSA Series SLS/SL/SLSA Series MLL Series Product key Type Contact material Positions Part number MSSA111DG SPDT Au On-None-On 2-1437580-9 MSSA111EG On-Off-On 3-1437580-0 MSSA114D Ag On-None-On 3-1437580-1 MSSA114E On-Off-On 3-1437580-2 MSSA211NG DPDT Au On-None-On 4-1437580-9 MSSA211N Ag 5-1437580-2 Product key Type Contact material Style Part number SSJ1204 SPDT Ag vertical 1825280-1 SSJ12R04 right angle 1825282-1 SSJ1304 SP3T vertical 1825283-1 Product key Type Contact material Style Part number SSA1204 SPDT Ag vertical 1571981-1 SSA12G04 Au 1571981-2 SSA2204 DPDT Ag 1571981-3 SSA22G04 Au 1571981-4 Product key Type Mounting Style Part number SLS121PC04 SPDT THT vertical 1825115-1 SLS121RA04 right angle 1825116-1 SLS131PC04 SP3T vertical 1825117-1 SLS131RA04 right angle 1825118-1 SLS141PC04 SP4T vertical 1825119-1 SLS141RA04 right angle 1825120-1 SLS151PC04 SP5T vertical 1825121-1 SLS151RA04 right angle 1825122-1 SLS220PC04 DPDT vertical 1825080-1 SLS230PC04 DP3T 1825080-2 SLS240PC04 DP4T 1825080-3 SLS250PC04 DP5T 1825080-4 SLS260PC04 DP6T 1825080-5 Product key Type Contact material Positions Part number M MH HS S MHS12204 SPDT Ag On-None-On 1825255-1 MHS122G04 Au 1825255-2 MHS12304 Ag On-Off-On 1825255-5 MHS13304 SP3T On-On-On 1825255-7 MHS133G04 Au 1825255-8 MHS22204 DPDT Ag On-None-On 1825289-1 MHS222G04 Au 1825289-2 MHS22304 Ag On-Off-On 1825289-5 MHS223G04 Au 1825289-6 MHS23304 DP3T Ag On-On-On 1825289-8 MHS233G04 Au 1825289-9 M MH HS S R Riig gh htt A An ng glle e MHS122GRA04 SPDT Au On-None-On 1825256-4 MHS122RA04 Ag 1825256-1 MHS123GRA04 Au On-Off-On 1825256-5 MHS123RA04 Ag 1825256-2 MHS133GRA04 SP3T Au On-On-On 1825256-6 MHS133RA04 Ag 1825256-3 MHS222GRA04 DPDT Au On-None-On 1825290-4 MHS222RA04 Ag 1825290-1 MHS223GRA04 Au On-Off-On 1825290-5 MHS223RA04 Ag 1825290-2 MHS233GRA04 DP3T Au On-On-On 1825290-6 MHS233RA04 Ag 1825290-3 Product key Type Mounting Packaging Part number MLL1200S SPDT SMT tube 1437575-1 MLL1200STR tape and reel 1437575-2 |