| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GDHL08S bảng dữ liệu(PDF) 13 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
GDHL08S bảng dữ liệu(HTML) 13 Page - Tyco Electronics |
|
13 / 30 page ![]() Catalogue No. 1308111 Issued 03/2008 Dimensions are in mm and are shown for reference purposes only. Specifications subject to change. www.tycoelectronics.com 12 Switches Micro Switches UP Ultra Miniature Micro Switch Series I Different mounting options I Silver or gold contacts SPDT left and right THT Straight lever, without lever 0.3…1.5 N UP3 version: 3A @ 125 Vac UP01 version: 0.1 @ 30 Vdc 1,000,000 ops. -25…+80°C UL 12.7 x 5.8 x 6.7 mm Tray SP Sub Miniature Micro Switch Series I Various actuator and mounting options SPDT No TAB, THT, Solder terminals Pin plunger, normal, long, simulator lever, roller 0.8…2.5 N 5 A @ 250 Vac up to 50,000 ops. -25…+80°C UL, cUL, ENEC 19.8 x 6.4 x 10.6 mm Tray MP Miniature Micro Switch Series I Low and high current versions SPDT, SPNC, SPNO No Solder or Spade Pin plunger, short, normal, simulator lever, roller 16 A Version: 1.2, 2.0, 3.0 N 0.1 A Version: 0.55 N 16A@250 Vac 0.1 A @ 250 Vac up to 100,000 ops. -25…+130°C UL, cUL, ENEC 27.8 x 10.2 x 15.9 mm Tray Micro switch Contact configuration Right angle versions Mounting style Actuator style Standard actuation force Contact rating Electrical endurance Operating temperature range Approvals Dimensions (LxWxH) Packaging |