| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PAC7366 bảng dữ liệu(PDF) 20 Page - Pixart Imaging Inc. |
|
|
|||||||||||||||||||||||||||||
PAC7366 bảng dữ liệu(HTML) 20 Page - Pixart Imaging Inc. |
|
20 / 23 page ![]() PAC7366 NTSC/PAL Digital Image SOC All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission. 20 PixArt Imaging Inc. E-mail: fae_service@pixart.com.tw V1.10 Dec. 2012 13. Package Information Package Outline Dimension Fig.13.1 Package Mechanical Diagram Note: 1. Dimensions in mm. dimensions in () are for reference only. Do not measure printed drawing. 2. Wall material: alumina ceramic. 3. Substrate material: alumina ceramic 0.2 thinkness. 4. Lid material: borosilica glass 0.55 thickness 5. Lead finish: gold plating 0.5 microns minimum thickness. 6. Image sensor die 0.3 thickness. 7. Maximum rotation of optical area relative to package edged: 1° Maximum tilt of optical are relative to seating plane A: 50 microns Maximum tilt of optical are relative to top of cover glass:75 microns 8. Optical center = package center |