| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADNS-8020 bảng dữ liệu(PDF) 10 Page - Pixart Imaging Inc. |
|
|
|||||||||||||||||||||||||||||
ADNS-8020 bảng dữ liệu(HTML) 10 Page - Pixart Imaging Inc. |
|
10 / 38 page ![]() 10 Single Fault Detection The sensor is able to detect a short circuit or fault condi- tion at its internal laser’s cathode node, which could lead to excessive laser output power. A leakage path to ground on this node will trigger the fault detection circuit, which will turn off the laser drive current source and set the in- ternal signal of LASER_NEN output high. The system will prevent excessive laser power by shutting off the laser. In addition to the ground path fault detection described above, the fault detection circuit is periodically checking for proper operation by internally generating a path to ground with the laser turned off via LASER_NEN. If the la- ser cathode is shorted to VDD3, this test will fail and will be reported as a fault. Figure 7. Single Fault Detection and Eye-safety Feature Block Diagram 22nF -VCSEL VDD3 VDD3 GND +VCSEL Serial Port LASER DRIVER VCSEL LASER_NEN P_MOSFET voltage sense fault control block current set Microcontroller S G D PixArt Imaging Inc. Track-on-Glass Laser Sensor All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission. PixArt Imaging Inc. E-mail: fae_service@pixart.com.tw |