| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADNS-3000 bảng dữ liệu(PDF) 15 Page - Pixart Imaging Inc. |
|
|
|||||||||||||||||||||||||||||
ADNS-3000 bảng dữ liệu(HTML) 15 Page - Pixart Imaging Inc. |
|
15 / 30 page ![]() 15 Required Timing between Read and Write Commands There are minimum timing requirements between read and write commands on the serial port. SCLK tSWW WRITE OPERATION ADDRESS DATA WRITE OPERATION ADDRESS DATA Timing between Two Write Commands If the rising edge of the SCLK for the last data bit of the second write command occurs before the required delay (tSWW), then the first write command may not complete correctly. Timing between Write and Read Commands If the rising edge of SCLK for the last address bit of the read command occurs before the required delay (tSWR), the write command may not complete correctly. SCLK tSWR WRITE OPERATION ADDRESS DATA NEXT READ OPERATION ADDRESS SCLK tSRAD READ OPERATION ADDRESS NEXT READ or WRITE OPERATION ADDRESS tSRW & tSRR DATA Timing between Read and Subsequent Write or Read Commands During a read operation SCLK should be delayed at least tSRAD after the last address data bit to ensure that the ADNS-3000 has time to prepare the requested data. The falling edge of SCLK for the first address bit of either the read or write com- mand must be at least tSRR or tSRW after the last SCLK rising edge of the last data bit of the previous read operation. Motion Burst Timing MOTION_BURST REGISTER ADDRESS READ FIRST BYTE FIRST READ OPERATION READ SECOND BYTE READ THIRD BYTE SCLK tSRAD All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission. PixArt Imaging Inc. E-mail: fae_service@pixart.com.tw PixArt Imaging Inc. ADNS-3000 Low Power Optical Mouse Sensor |