công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5366MTH1R bảng dữ liệu(PDF) 9 Page - List of Unclassifed Manufacturers

tên linh kiện 5366MTH1R
Giải thích chi tiết về linh kiện  THE WIDEST RANGE IN MINIATURE SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

5366MTH1R bảng dữ liệu(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 5366MTH1R Datasheet HTML 5Page - List of Unclassifed Manufacturers 5366MTH1R Datasheet HTML 6Page - List of Unclassifed Manufacturers 5366MTH1R Datasheet HTML 7Page - List of Unclassifed Manufacturers 5366MTH1R Datasheet HTML 8Page - List of Unclassifed Manufacturers 5366MTH1R Datasheet HTML 9Page - List of Unclassifed Manufacturers 5366MTH1R Datasheet HTML 10Page - List of Unclassifed Manufacturers 5366MTH1R Datasheet HTML 11Page - List of Unclassifed Manufacturers 5366MTH1R Datasheet HTML 12Page - List of Unclassifed Manufacturers 5366MTH1R Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
A-30
APEM
www.apem.com
5000 series
Toggle switches - solder lug terminals
Threaded bushing Ø 11,9 (15/32) : 5600M
A
Four pole
III
II
I
2-3
1-2
5-6
4-5
8-9
7-8
11-12
10-11
5666M
ON
-
ON
5669M
ON
OFF
ON
5667M
MOM OFF MOM
5668M
ON
OFF MOM
5662M
ON
- MOM
5664M*
ON
ON
ON
5664M 1R*
ON
ON MOM
5664M 2R*
MOM ON MOM
PANEL CUT
-OUT
Standard
With K sealing option
*Function 4 : DP in 4P case - specify CT or TH connections, see end of catalogue.
➞ Keyway
OTHER : M bushing can be combined with other types such as : 5200, Z, MIWR... Consult factory.
(.377)
(.200)
(.492 DIA)
(.137 DIA)
Ø12.50
9.60
Ø3.50
5.10
Ø12.50
(.492 DIA)
Ø11.9-32UNS
(15/32-32UNS)
12.10
(.476)
11.90
17.50
(.688)
(.468)
3.70
(.145)
21.20
(.834)
I
II
III
1
2
3
12
11
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22