| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CRCW2010525RFHTB bảng dữ liệu(PDF) 4 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
CRCW2010525RFHTB bảng dữ liệu(HTML) 4 Page - Vishay Siliconix |
|
4 / 5 page ![]() D../CRCW....-P Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor Vishay Document Number: 20009 For technical questions, contact: filmresistors.thickfilmchip@vishay.com www.vishay.com Revision: 13-Oct-08 139 0402 0603 0805 1206 1210 2010 2512 90 80 70 60 50 40 30 20 10 0 0 0.1 0.2 0.3 0.4 0.5 Power in W Temperature Rise - 55 - 25 0 25 50 75 100 125 155 175 120 100 80 60 40 20 0 70 Derating Ambient Temperature in °C TEST PROCEDURES AND REQUIREMENTS EN 60115-1 TEST (clause) CONDITIONS OF TEST REQUIREMENTS PERMISSIBLE CHANGE ( ΔR/R) STABILITY CLASS 1 OR BETTER Stability for product types: 10R to 10M D../CRCW....-P Resistance (4.5) - ± 1 %; ± 0.5 %; ± 0.25 % Temperature coefficient (4.8.4.2) 20/- 55/20 °C and 20/125/20 °C ± 100 ppm/K; ± 50 ppm/K; ± 100 ppm/K Overload (4.13) U = 2.5 x (P70 x R)1/2 ≤ 2 x U max.; Duration: according the style ± (0.25 % R + 0.05 Ω) Solderability (4.17.5) Aging 4 h at 155 °C, dryheat solder bath method; 235 °C; 2 s visual examination Good tinning ( ≥ 95 % covered) no visible damage Resistance to soldering heat (4.18.2) Solder bath method; (260 ± 5) °C; (10 ± 1) s ± (0.25 % R + 0.05 Ω) Rapid change of temperature (4.19) 30 min at LCT = - 55 °C; 30 min at UCT = 125 °C; 5 cycles ± (0.25 % R + 0.05 Ω) Damp heat, steady state (4.24) (40 ± 2) °C; 56 days; (93 ± 3) % RH ± (1 % R + 0.05 Ω) Climatic sequence (4.23) 16 h at UCT = 125 °C; 1 cycle at 55 °C; 2 h at LCT = - 55 °C; 1 h/1 kPa at 15 °C to 35 °C; 5 cycles at 55 °C U = (P70 × R)1/2 U = Umax.; whichever is less severe ± (1 % R + 0.05 Ω) Endurance at 70 °C (4.25.1) U = (P70 × R)1/2 U = Umax.; whichever is less severe 1.5 h ON; 0.5 h OFF; 70 °C; 1000 h ± (1 % R + 0.05 Ω) Extended endurance (4.25.1.8) Duration extended to 8000 h ± (2 % R + 0.1 Ω) Endurance at upper category temperature (4.25.3) UCT = 125 °C; 1000 h ± (1 % R + 0.05 Ω) APPLICABLE SPECIFICATIONS • EN 60115-1 Generic Specifications • EN 140400 Sectional Specification • EN 140401-802 Detail Specifications • IEC 60068-2-x Variety of environmental test procedures • IEC 60286-3 Packaging of SMD components |