| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC32MX110F016C bảng dữ liệu(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC32MX110F016C bảng dữ liệu(HTML) 21 Page - Microchip Technology |
|
21 / 320 page ![]() © 2011-2012 Microchip Technology Inc. Preliminary DS61168D-page 21 PIC32MX1XX/2XX OC1 PPS PPS PPS PPS O — Output Compare Output 1 OC2 PPS PPS PPS PPS O — Output Compare Output 2 OC3 PPS PPS PPS PPS O — Output Compare Output 3 OC4 PPS PPS PPS PPS O — Output Compare Output 4 OC5 PPS PPS PPS PPS O — Output Compare Output 5 OCFA PPS PPS PPS PPS I ST Output Compare Fault A Input OCFB PPS PPS PPS PPS I ST Output Compare Fault B Input INT0 13 16 17 43 I ST External Interrupt 0 INT1 PPS PPS PPS PPS I ST External Interrupt 1 INT2 PPS PPS PPS PPS I ST External Interrupt 2 INT3 PPS PPS PPS PPS I ST External Interrupt 3 INT4 PPS PPS PPS PPS I ST External Interrupt 4 RA0 27 2 33 19 I/O ST PORTA is a bidirectional I/O port RA1 28 3 34 20 I/O ST RA2 6 9 7 30 I/O ST RA3 7 10 8 31 I/O ST RA4 9 12 10 34 I/O ST RA7 — — — 13 I/O ST RA8 — — — 32 I/O ST RA9 — — — 35 I/O ST RA10 — — — 12 I/O ST RB0 1 4 35 21 I/O ST PORTB is a bidirectional I/O port RB1 2 5 36 22 I/O ST RB2 3 6 1 23 I/O ST RB3 4 7 2 24 I/O ST RB4 8 11 9 33 I/O ST RB5 11 141541 I/O ST RB6 12(2) 15(2) 16(2) 42(2) I/O ST RB7 13 161743 I/O ST RB8 14 171844 I/O ST RB9 15 18 19 1 I/O ST RB10 18 21 24 8 I/O ST RB11 19 22 25 9 I/O ST RB12 20(2) 23(2) 26(2) 10(2) I/O ST RB13 21 24 27 11 I/O ST RB14 22 25 28 14 I/O ST RB15 23 26 29 15 I/O ST TABLE 1-1: PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number(1) Pin Type Buffer Type Description 28-pin QFN 28-pin SSOP/ SPDIP/ SOIC 36-pin VTLA 44-pin QFN/ TQFP/ VTLA Legend: CMOS = CMOS compatible input or output Analog = Analog input P = Power ST = Schmitt Trigger input with CMOS levels O = Output I = Input TTL = TTL input buffer PPS = Peripheral Pin Select — = N/A Note 1: Pin numbers are provided for reference only. See the “Pin Diagrams” section for device pin availability. 2: Pin number for PIC32MX1XX devices only. 3: Pin number for PIC32MX2XX devices only. |