| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM124D bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM124D bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 35 page ![]() LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V, LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV QUADRUPLE OPERATIONAL AMPLIFIERS SLOS066T − SEPTEMBER 1975 − REVISED MARCH 2010 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 ORDERING INFORMATION{ TA VIOmax AT 25 °C MAX TESTED VCC PACKAGE} ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP (N) Tube of 25 LM324N LM324N PDIP (N) Tube of 25 LM324KN LM324KN Tube of 50 LM324D Reel of 2500 LM324DR LM324 SOIC (D) Reel of 2500 LM324DRG3 LM324 SOIC (D) Tube of 50 LM324KD LM324K 7mV 30 V Reel of 2500 LM324KDR LM324K 7 mV 30 V Reel of 2000 LM324NSR LM324 SOP (NS) Tube of 50 LM324KNS LM324K SOP (NS) Reel of 2000 LM324KNSR LM324K Tube of 90 LM324PW L324 TSSOP (PW) Reel of 2000 LM324PWR L324 TSSOP (PW) Tube of 90 LM324KPW L324K 0 °Cto70°C Reel of 2000 LM324KPWR L324K 0 °C to 70°C PDIP (N) Tube of 25 LM324AN LM324AN PDIP (N) Tube of 25 LM324KAN LM324KAN Tube of 50 LM324AD LM324A SOIC (D) Reel of 2500 LM324ADR LM324A SOIC (D) Tube of 50 LM324KAD LM324KA Reel of 2500 LM324KADR LM324KA 3mV 30 V Reel of 2000 LM324ANSR LM324A 3 mV 30 V SOP (NS) Tube of 50 LM324KANS LM324KA SOP (NS) Reel of 2000 LM324KANSR LM324KA SSOP (DB) Reel of 2000 LM324ADBR LM324A Tube of 90 LM324APW L324A TSSOP (PW) Reel of 2000 LM324APWR L324A TSSOP (PW) Tube of 90 LM324KAPW L324KA Reel of 2000 LM324KAPWR L324KA PDIP (N) Tube of 25 LM224N LM224N PDIP (N) Tube of 25 LM224KN LM224KN 5mV 30 V Tube of 50 LM224D LM224 5 mV 30 V SOIC (D) Reel of 2500 LM224DR LM224 SOIC (D) Tube of 50 LM224KD LM224K 25 °Cto85°C Reel of 2500 LM224KDR LM224K −25 °C to 85°C PDIP (N) Tube of 25 LM224AN LM224AN PDIP (N) Tube of 25 LM224KAN LM224KAN 3mV 30 V Tube of 50 LM224AD LM224A 3 mV 30 V SOIC (D) Reel of 2500 LM224ADR LM224A SOIC (D) Tube of 50 LM224KAD LM224KA Reel of 2500 LM224KADR LM224KA † For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. ‡ Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. |