| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM35DM bảng dữ liệu(PDF) 20 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM35DM bảng dữ liệu(HTML) 20 Page - Texas Instruments |
|
20 / 29 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 3-Nov-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM35AH ACTIVE TO NDV 3 1000 TBD Call TI Call TI -55 to 150 LM35AH LM35AH/NOPB ACTIVE TO NDV 3 1000 Green (RoHS & no Sb/Br) POST-PLATE Level-1-NA-UNLIM -55 to 150 LM35AH LM35CAH ACTIVE TO NDV 3 1000 TBD Call TI Call TI -40 to 110 LM35CAH LM35CAH/NOPB ACTIVE TO NDV 3 1000 Green (RoHS & no Sb/Br) POST-PLATE Level-1-NA-UNLIM -40 to 110 LM35CAH LM35CAZ/LFT4 ACTIVE TO-92 LP 3 2000 Green (RoHS & no Sb/Br) SN | CU SN N / A for Pkg Type LM35 CAZ LM35CAZ/NOPB ACTIVE TO-92 LP 3 1800 Green (RoHS & no Sb/Br) SN | CU SN N / A for Pkg Type -40 to 110 LM35 CAZ LM35CH ACTIVE TO NDV 3 1000 TBD Call TI Call TI -40 to 110 LM35CH LM35CH/NOPB ACTIVE TO NDV 3 1000 Green (RoHS & no Sb/Br) POST-PLATE Level-1-NA-UNLIM -40 to 110 LM35CH LM35CZ/LFT1 ACTIVE TO-92 LP 3 2000 TBD Call TI Call TI LM35CZ/LFT4 ACTIVE TO-92 LP 3 2000 TBD Call TI Call TI LM35CZ/NOPB ACTIVE TO-92 LP 3 1800 Green (RoHS & no Sb/Br) SN | CU SN N / A for Pkg Type -40 to 110 LM35 CZ LM35DH ACTIVE TO NDV 3 1000 TBD Call TI Call TI 0 to 70 LM35DH LM35DH/NOPB ACTIVE TO NDV 3 1000 Green (RoHS & no Sb/Br) POST-PLATE Level-1-NA-UNLIM 0 to 70 LM35DH LM35DM NRND SOIC D 8 95 TBD Call TI Call TI 0 to 100 LM35D M LM35DM/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) SN | CU SN Level-1-260C-UNLIM 0 to 100 LM35D M LM35DMX NRND SOIC D 8 2500 TBD Call TI Call TI 0 to 100 LM35D M LM35DMX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) SN | CU SN Level-1-260C-UNLIM 0 to 100 LM35D M LM35DT NRND TO-220 NEB 3 45 TBD Call TI Call TI 0 to 100 LM35DT |