công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3485MM bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LM3485MM
Giải thích chi tiết về linh kiện  Hysteretic PFET Buck Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM3485MM bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM3485MM Datasheet HTML 1Page - Texas Instruments LM3485MM Datasheet HTML 2Page - Texas Instruments LM3485MM Datasheet HTML 3Page - Texas Instruments LM3485MM Datasheet HTML 4Page - Texas Instruments LM3485MM Datasheet HTML 5Page - Texas Instruments LM3485MM Datasheet HTML 6Page - Texas Instruments LM3485MM Datasheet HTML 7Page - Texas Instruments LM3485MM Datasheet HTML 8Page - Texas Instruments LM3485MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM3485
www.ti.com
SNVS178G – JANUARY 2002 – REVISED FEBRUARY 2013
Electrical Characteristics
Specifications in Standard type face are for TJ = 25°C, and in bold type face apply over the full Operating Temperature
Range (TJ = −40°C to +125°C). Unless otherwise specified, VIN = 12V, VISNS = VIN − 1V, and VADJ = VIN − 1.1V. Datasheet
min/max specification limits are specified by design, test, or statistical analysis.
Symbol
Parameter
Test Conditions
Min(1)
Typ(2)
Max(1)
Unit
IQ
Quiescent Current at ground pin
FB = 1.5V
250
400
µA
(Not Switching)
VFB
Feedback Voltage
1.226
1.242
1.258
V
(3)
1.217
1.267
VHYST
Comparator Hysteresis
10
15
mV
14
20
VCL
(4)
Current limit comparator trip voltage RADJ = 20kΩ
110
mV
RADJ = 160kΩ
880
VCL_OFFSET
Current limit comparator offset
VFB = 1.5V
−20
0
+20
mV
ICL_ADJ
Current limit ADJ current source
VFB = 1.5V
3.0
5.5
7.0
µA
TCL
Current limit one shot off time
VADJ = 11.5V
6
9
14
µs
VISNS = 11.0V
VFB = 1.0V
RPGATE
Driver resistance
Source
5.5
Ω
ISOURCE = 100mA
Sink
8.5
ISink = 100mA
IPGATE
Driver Output current
Source
0.44
A
VIN = 7V,
PGATE = 3.5V
Sink
0.32
VIN = 7V,
PGATE = 3.5V
IFB
FB pin Bias Current(5)
VFB = 1.0V
300
750
nA
TONMIN_NOR
Minimum on time in normal
VISNS = VADJ+0.1V
100
ns
operation
Cload on OUT = 1000pF
(6)
TONMIN_CL
Minimum on time in current limit
VISNS = VADJ+0.1V
175
ns
VFB = 1.0V
Cload on OUT = 1000pF
(6)
%VFB/ΔVIN
Feedback Voltage Line Regulation
4.5
≤ VIN ≤ 35V
0.010
%/V
(1)
All limits are specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature
limits are 100% tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control (SQC)
methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
The VFB is the trip voltage at the FB pin when PGATE switches from high to low.
(4)
VCL = ICL_ADJ * RADJ
(5)
Bias current flows out from the FB pin.
(6)
A 1000pF capacitor is connected between VIN and PGATE.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com