công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

APU428 bảng dữ liệu(PDF) 12 Page - Aplus Intergrated Circuits

tên linh kiện APU428
Giải thích chi tiết về linh kiện  4-Bit Micro-controller With LCD Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  APLUS [Aplus Intergrated Circuits]
Trang chủ  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APU428 bảng dữ liệu(HTML) 12 Page - Aplus Intergrated Circuits

Back Button APU428 Datasheet HTML 8Page - Aplus Intergrated Circuits APU428 Datasheet HTML 9Page - Aplus Intergrated Circuits APU428 Datasheet HTML 10Page - Aplus Intergrated Circuits APU428 Datasheet HTML 11Page - Aplus Intergrated Circuits APU428 Datasheet HTML 12Page - Aplus Intergrated Circuits APU428 Datasheet HTML 13Page - Aplus Intergrated Circuits APU428 Datasheet HTML 14Page - Aplus Intergrated Circuits APU428 Datasheet HTML 15Page - Aplus Intergrated Circuits APU428 Datasheet HTML 16Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Predivider
The predivider is a 15-sage counter that uses PH0 as clock source. The output of T-FF is changed when the
input signal is changed from H to L. PH11~15 are reset to L when PLC 100H instruction is executed,
power-on reset or external reset is used. When PH14 is changed from H to L, the HALT release signal is
generated.
Alarm/frequency/melody
There is an 8-bit programmable counter and an 8-bit envelope control for alarm, frequency or melody output
from BZ/BZB.
The frequency counter can use software to select 1/2 duty, 1/3 duty,1/4 duty drive modes.
Frequency
1/2 Duty Frequency
1/3 Duty Frequency
1/4 Duty Frequency
INT function
The INT pin can be selected by mask option as pull-high/pull-low or none, and as a rising edge/falling edge
trigger.
Watchdog Timer
The watchdog timer automatically generates a device reset when it overflows. The interval of overflow is
8/64/512 x PH10 (set by mask option). You can use software to enable and disable this function. The
watchdog enable flag will be disabled by power on reset or reset pin reset condition, but cannot be disabled
by watchdog reset itself.
HALT function
The HALT instruction disables all clocks except the predivider, timer, frequency counter, PWM, EL-light
generator and chattering clock in order to minimize the operating current.
STOP function
The STOP instruction disables all clocks to minimize the standby current, so only two external factors (INT,
IOA/IOC) can release the stop condition.
Instruction Table
Instruction
Machine Code
Function
Flag/Remark
NOP
0000 0000 0000 0000
No Operation
LCT Lz, Ry
0000 001Z ZZZZ YYYY
Lz
{ 7SEG
Ry}
LCB Lz, Ry
0000 010Z ZZZZ YYYY
Lz
{ 7SEG
Ry}
LCP Lz, Ry
0000 011Z ZZZZ YYYY
Lz
Ry , AC
LCD Lz, @HL
0000 100Z ZZZZ 0000
Lz
T@HL
OPA Rx
0000 1010 0XXX XXXX
Port(A)
Rx
OPAS Rx, D
0000 1011 DXXX XXXX
A1, 2, 3, 4
Rx0, Rx1, D, Pulse
OPB Rx
0000 1100 0XXX XXXX
Port(B)
Rx
Preliminary
12
Ver. 0.0
APU428



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com