công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA9512BDP bảng dữ liệu(PDF) 15 Page - NXP Semiconductors

tên linh kiện PCA9512BDP
Giải thích chi tiết về linh kiện  Level shifting hot swappable I2C-bus and SMBus bus buffer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9512BDP bảng dữ liệu(HTML) 15 Page - NXP Semiconductors

Back Button PCA9512BDP Datasheet HTML 11Page - NXP Semiconductors PCA9512BDP Datasheet HTML 12Page - NXP Semiconductors PCA9512BDP Datasheet HTML 13Page - NXP Semiconductors PCA9512BDP Datasheet HTML 14Page - NXP Semiconductors PCA9512BDP Datasheet HTML 15Page - NXP Semiconductors PCA9512BDP Datasheet HTML 16Page - NXP Semiconductors PCA9512BDP Datasheet HTML 17Page - NXP Semiconductors PCA9512BDP Datasheet HTML 18Page - NXP Semiconductors PCA9512BDP Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
PCA9512A_PCA9512B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 6 — 1 March 2013
15 of 27
NXP Semiconductors
PCA9512A; PCA9512B
Level shifting hot swappable I2C-bus and SMBus bus buffer
[1]
This specification applies over the full operating temperature range.
[2]
Card side supply voltage.
[3]
The enable time is from power-up of VCC and VCC2  2.7 V to when idle or stop time begins.
[4]
Idle time is from when SDAn and SCLn are HIGH after enable time has been met.
[5]
Itrt(pu) varies with temperature and VCC voltage, as shown in Section 11.1 “Typical performance characteristics”.
[6]
Input pull-up voltage should not exceed power supply voltage in operating mode because the rise time accelerator will clamp the voltage
to the positive supply rail.
[7]
The connection circuitry always regulates its output to a higher voltage than its input. The magnitude of this offset voltage as a function
of the pull-up resistor and VCC voltage is shown in Section 11.1 “Typical performance characteristics”.
[8]
Guaranteed by design, not production tested.
[9]
Cb = total capacitance of one bus line in pF.
Input-output connection
Voffset
offset voltage
10 k
 to V
CC on SDA, SCL;
VCC =3.3 V; VCC2 =3.3 V;
VI =0.2 V
[1][7] 0
115
175
mV
Ci
input capacitance
digital; guaranteed by design,
not subject to test
--
10
pF
VOL
LOW-level output voltage
VI = 0 V; SDAn, SCLn pins;
Isink =3mA; VCC =2.7 V;
VCC2 =2.7 V
[1] 00.3
0.4
V
ILI
input leakage current
SDAn, SCLn pins; VCC =5.5 V;
VCC2 =5.5 V
1-
+1
A
System characteristics
fSCL
SCL clock frequency
[8] 0-
400
kHz
tBUF
bus free time between a
STOP and START
condition
[8] 1.3
-
-
s
tHD;STA
hold time (repeated)
START condition
[8] 0.6
-
-
s
tSU;STA
set-up time for a repeated
START condition
[8] 0.6
-
-
s
tSU;STO
set-up time for STOP
condition
[8] 0.6
-
-
s
tHD;DAT
data hold time
[8] 300
--ns
tSU;DAT
data set-up time
[8] 100
--ns
tLOW
LOW period of the SCL
clock
[8] 1.3
-
-
s
tHIGH
HIGH period of the SCL
clock
[8] 0.6
-
-
s
tf
fall time of both SDA and
SCL signals
[8][9] 20 + 0.1
 C
b
-300
ns
tr
rise time of both SDA and
SCL signals
[8][9] 20 + 0.1
 C
b
-300
ns
Table 6.
Characteristics …continued
VCC = 2.7 V to 5.5 V; Tamb = 40 C to +85 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com