| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC2104FBD48/00 bảng dữ liệu(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2104FBD48/00 bảng dữ liệu(HTML) 11 Page - NXP Semiconductors |
|
11 / 41 page ![]() LPC2104_2105_2106_7 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 07 — 20 June 2008 11 of 41 NXP Semiconductors LPC2104/2105/2106 Single-chip 32-bit microcontrollers 6.4 Memory map The LPC2104/2105/2106 memory maps incorporate several distinct regions, as shown in the following figures. In addition, the CPU interrupt vectors may be re-mapped to allow them to reside in either flash memory (the default) or on-chip static RAM. This is described in Section 6.18 “System control”. (1) LPC2104/2105/2106/01 only. Fig 4. LPC2104/2105/2106 memory map AHB PERIPHERALS APB PERIPHERALS RESERVED ADDRESS SPACE BOOT BLOCK (RE-MAPPED FROM ON-CHIP FLASH MEMORY) RESERVED ADDRESS SPACE 16 kB ON-CHIP STATIC RAM (LPC2104) 32 kB ON-CHIP STATIC RAM (LPC2105) 64 kB ON-CHIP STATIC RAM (LPC2106) RESERVED ADDRESS SPACE FAST GPIO REGISTERS(1) 128 kB ON-CHIP FLASH MEMORY 0xFFFF FFFF 0xF000 0000 0xEFFF FFFF 0xE000 0000 0xC000 0000 0xDFFF FFFF 0x8000 0000 0x7FFF FFFF 0x7FFF E000 0x7FFF DFFF 0x4000 4000 0x4000 3FFF 0x4000 8000 0x4000 7FFF 0x4001 0000 0x4000 FFFF 0x4000 0000 0x3FFF FFFF 0x3FFF C000 0x0002 0000 0x0001 FFFF 0x0000 0000 4.0 GB 3.75 GB 3.5 GB 3.0 GB 2.0 GB 1.0 GB 0.0 GB 002aad666 |