| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BZA856AVL bảng dữ liệu(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BZA856AVL bảng dữ liệu(HTML) 2 Page - NXP Semiconductors |
|
2 / 11 page ![]() 2003 Oct 20 2 NXP Semiconductors Product data sheet Quadruple low capacitance ESD suppressor BZA800AVL series FEATURES • Low diode capacitance • Low leakage current • SOT353 (SC-88A) surface mount package • Common anode configuration. APPLICATIONS • Communication systems • Computers and peripherals • Audio and video equipment. DESCRIPTION Monolithic transient voltage suppressor diode in a five lead SOT353 (SC-88A) package for 4-bit wide ESD transient suppression. MARKING PINNING TYPE NUMBER MARKING CODE BZA856AVL R3 BZA862AVL R2 BZA868AVL R1 PIN DESCRIPTION 1 cathode 1 2 common anode 3 cathode 2 4 cathode 3 5 cathode 4 handbook, halfpage MGT580 1 5 4 3 2 3 1 4 5 2 Fig.1 Simplified outline (SOT353; SC-88A) and symbol. ORDERING INFORMATION TYPE NUMBER PACKAGE NAME DESCRIPTION VERSION BZA856AVL − plastic surface mounted package; 5 leads SOT353 BZA862AVL − plastic surface mounted package; 5 leads SOT353 BZA868AVL − plastic surface mounted package; 5 leads SOT353 |