| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APC5890 bảng dữ liệu(PDF) 4 Page - Aplus Intergrated Circuits |
|
|
|||||||||||||||||||||||||||||
APC5890 bảng dữ liệu(HTML) 4 Page - Aplus Intergrated Circuits |
|
4 / 10 page ![]() APLUS INTEGRATED CIRCUITS INC. APC5890 www.aplusinc.com.tw TEL : 886-2-2782-9266 4 1) RAM : 0000-07FF : INTERNAL RAM, 1KX16. 0000-1FFF : EXTERNAL NON-BANK RAM(EXTRAMCS=1), 4KX16. 2) ROM : 4000-7FFF : DATA AREA FOR BANK SELECT, 8KX16 EACH, MAX . TO 64MBIT BANK ROM OR BANK RAM. C000-FFFF : FOR SYSTEM PROGRAM OR USER PROGRAM, 8KX16. FFF0, FFF1 : COPROCESSOR OK IRQ VECTOR. FFF2, FFF3 : ADC IRQ VECTOR. FFF4, FFF5 : NOT USE FFF6, FFF7 : TIMER IRQ(FIX_TIMER IRQ OR TIMER_A IRQ) VECTOR. FFF8, FFF9 : PA[7:0] IRQ VECTOR. FFFA, FFFB : TIMER_B NMI VECTOR. FFFC, FFFD : RES VECTOR. FFFE, FFFF : EXT IRQ VECTOR. PRIORITY IS ARRANGED AS RES, NMI, OK_INT, ADC_INT, TIMER_INT,PA_INT, AND EXT_IRQ. MEMORY MAPPING ( INTERNAL ROM ) |