công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CLP04P040L28 bảng dữ liệu(PDF) 17 Page - List of Unclassifed Manufacturers

tên linh kiện CLP04P040L28
Giải thích chi tiết về linh kiện  Super Capacitors To Improve Power Performance.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

CLP04P040L28 bảng dữ liệu(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button CLP04P040L28 Datasheet HTML 13Page - List of Unclassifed Manufacturers CLP04P040L28 Datasheet HTML 14Page - List of Unclassifed Manufacturers CLP04P040L28 Datasheet HTML 15Page - List of Unclassifed Manufacturers CLP04P040L28 Datasheet HTML 16Page - List of Unclassifed Manufacturers CLP04P040L28 Datasheet HTML 17Page - List of Unclassifed Manufacturers CLP04P040L28 Datasheet HTML 18Page - List of Unclassifed Manufacturers CLP04P040L28 Datasheet HTML 19Page - List of Unclassifed Manufacturers CLP04P040L28 Datasheet HTML 20Page - List of Unclassifed Manufacturers CLP04P040L28 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Revision: 21-3-10
Subject to change without notice
17
The operating principle of the super capacitor is similar to that of a battery. Pairs of
electrodes are separated by an ionic conductive, yet electrically
insulating, separator (Fig. 2). When a super capacitor is charged, electronic charge
accumulates on the electrodes (conductive carbon) and ions (from the electrolyte) of
opposite charge approach the electronic charge.
This phenomenon is coined "the double layer phenomenon".
The distance between the electronic and the ionic charges is very small, roughly 1
nanometer, yet electronic tunneling does not occur.
Between charging and discharging, ions and electrons shift locations.
In the charged state a high concentration of ions will be located along the
electronically charged carbon surface (electrodes).
As the electrons flow through an external discharge circuit, slower moving ions will
shift away from the double layer. During EDLC cycling electrons and ions constantly
move in the capacitor, yet no chemical reaction occurs.
Therefore electrochemical capacitors can undergo millions of charge and
discharge cycles. This phenomenon which occurs with carbon electrodes of very high
surface area and a three-dimensional structure, leads to incredibly high capacitance
as compared to standard capacitors.
One can envision the model of the EDLC as two capacitors formed by the solid
(carbon) liquid (electrolyte) interphase separated by a conductive ionic
membrane. An equivalent electronic model is two capacitors in a series
connection (Fig. 3) where Cdl is the capacitance of each electrode; Rp is the
parallel resistance to the electrode, Rs is the resistance of the separator.
We conclude that the energy density of electrochemical capacitors is higher than that
of electrolytic capacitors, and therefore they have applicability for systems with lower
frequency requirements.
Fig. 2
Fig. 3
Electrochemical Capacitors
Electrochemical Capacitors
Electrochemical Capacitors
Electrochemical Capacitors
Electrochemical Capacitors
Electrochemical Capacitors
Electrochemical Capacitors
Electrochemical Capacitors
Anode
Cathode
Separator
Current Collector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com