công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

500ASA bảng dữ liệu(PDF) 21 Page - List of Unclassifed Manufacturers

tên linh kiện 500ASA
Giải thích chi tiết về linh kiện  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

500ASA bảng dữ liệu(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 500ASA Datasheet HTML 17Page - List of Unclassifed Manufacturers 500ASA Datasheet HTML 18Page - List of Unclassifed Manufacturers 500ASA Datasheet HTML 19Page - List of Unclassifed Manufacturers 500ASA Datasheet HTML 20Page - List of Unclassifed Manufacturers 500ASA Datasheet HTML 21Page - List of Unclassifed Manufacturers 500ASA Datasheet HTML 22Page - List of Unclassifed Manufacturers 500ASA Datasheet HTML 23Page - List of Unclassifed Manufacturers 500ASA Datasheet HTML 24Page - List of Unclassifed Manufacturers 500ASA Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
21
Side Cutters
SIDE CUTTERS
Side Cutters
Erem offers a wide range of precision side cutters.
To establish which cutter is correct for your application
follow the steps below
Oval Head
The most common head shape. For standard cutting applications where access is not the
problem.
Tapered Head
For cutting tasks where easier access is required. The tapered head shape allows better
tip access than the oval head but without much reducing the cutting capability.
Relieved Head
For cutting in confined areas. This is the smallest head shape available. One side is cut
away for access even in confined areas. Due to the cut away the cutting capability is
reduced. Flush tip cutting.
Head Form
Cut
Size
110 mm Small short head for increased cutting resistance.
For almost all cutting applications.
115 mm Longer and finer head.
For cutting applications where easy access is more important than a high cutting capacity.
120 mm Strong version.
For all cutting applications where high cutting capacity is required.
Semi Flush
These blades allow a very high resistance. Will cut from tip to heel, malleable wires like
Copper as well as hard wires. Leaves a pinch at the end of the wire. For all applications
where the cutting type is not so important.
Flush
Allows a flat cut with the same cutting capacities. The edge
of the wire is cut off flat. Thanks to faster penetration into
the component the operator’s effort is substantially redu-
ced. No solder spikes after using wave soldering process.
Super Full Flush
An Erem exclusivity. This absolute full flush cut leaves a
perfect flat surface on cut leads It prevents any pinching
of leads. Flat, clean cut. No cutting rework after soldering.
Soft wires only.
1
2
1. Erem Cut
2. Others
Cutting safety device, holds wire scraps.
Can be adapted on all side cutters series 500, 600 and 2200.
Add “W” when ordering, e.g. 595EW
Safety Lead Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com