| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC5644AF0MMG1 bảng dữ liệu(PDF) 12 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5644AF0MMG1 bảng dữ liệu(HTML) 12 Page - Freescale Semiconductor, Inc |
|
12 / 138 page ![]() MPC5644A Microcontroller Data Sheet, Rev. 7 Freescale Semiconductor 12 The eTPU2 includes these distinctive features: • 32 channels; each channel associated with one input and one output signal — Enhanced input digital filters on the input pins for improved noise immunity — Identical, orthogonal channels: each channel can perform any time function. Each time function can be assigned to more than one channel at a given time, so each signal can have any functionality. — Each channel has an event mechanism which supports single and double action functionality in various combinations. It includes two 24-bit capture registers, two 24-bit match registers, 24-bit greater-equal and equal-only comparators. — Input and output signal states visible from the host • 2 independent 24-bit time bases for channel synchronization: — First time base clocked by system clock with programmable prescale division from 2 to 512 (in steps of 2), or by output of second time base prescaler — Second time base counter can work as a continuous angle counter, enabling angle based applications to match angle instead of time — Both time bases can be exported to the eMIOS timer module — Both time bases visible from the host • Event-triggered microengine: — Fixed-length instruction execution in two-system-clock microcycle — 14 KB of code memory (SCM) — 3 KB of parameter (data) RAM (SPRAM) — Parallel execution of data memory, ALU, channel control and flow control sub-instructions in selected combinations — 32-bit microengine registers and 24-bit wide ALU, with 1 microcycle addition and subtraction, absolute value, bitwise logical operations on 24-bit, 16-bit, or byte operands, single-bit manipulation, shift operations, sign extension and conditional execution — Additional 24-bit Multiply/MAC/Divide unit which supports all signed/unsigned Multiply/MAC combinations, and unsigned 24-bit divide. The MAC/Divide unit works in parallel with the regular microcode commands. • Resource sharing features support channel use of common channel registers, memory and microengine time: — Hardware scheduler works as a “task management” unit, dispatching event service routines by predefined, host-configured priority — Automatic channel context switch when a “task switch” occurs, that is, one function thread ends and another begins to service a request from other channel: channel-specific registers, flags and parameter base address are automatically loaded for the next serviced channel — SPRAM shared between host CPU and eTPU2, supporting communication either between channels and host or inter-channel — Hardware implementation of four semaphores support coherent parameter sharing between both eTPU engines — Dual-parameter coherency hardware support allows atomic access to two parameters by host • Test and development support features: — Nexus Class 1 debug, supporting single-step execution, arbitrary microinstruction execution, hardware breakpoints and watchpoints on several conditions — Software breakpoints — SCM continuous signature-check built-in self test (MISC - multiple input signature calculator), runs concurrently with eTPU2 normal operation |