| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC5643AF0MLU2 bảng dữ liệu(PDF) 41 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5643AF0MLU2 bảng dữ liệu(HTML) 41 Page - Freescale Semiconductor, Inc |
|
41 / 138 page ![]() TCK JTAG test clock input P 01 — I VDDEH7 MultiV12 TCK / Down TCK / Down 128 C16 D21 TDI JTAG test data input P 01 232 I VDDEH7 MultiV12 TDI / Up TDI / Up 130 E14 D22 TDO JTAG test data output P 01 228 O VDDEH7 MultiV12 TDO / Up TDO / Up 123 F14 E21 TMS JTAG test mode select input P 01 — I VDDEH7 MultiV12 TMS / Up TMS / Up 131 D14 E20 JCOMP JTAG TAP controller enable P 01 — I VDDEH7 MultiV12 JCOMP / Down JCOMP / Down 121 F16 F20 FlexCAN CAN_A_TX SCI_A_TX GPIO[83] FlexCAN A TX eSCI A TX GPIO P A1 G 01 10 00 83 O O I/O VDDEH6 Slow — / Up — / Up 81 P12 AB19 CAN_A_RX SCI_A_RX GPIO[84] FlexCAN A RX eSCI A RX GPIO P A1 G 01 10 00 84 I I I/O VDDEH6 Slow — / Up — / Up 82 R12 Y19 CAN_B_TX DSPI_C_PCS[3] SCI_C_TX GPIO[85] FlexCAN B TX DSPI C peripheral chip select eSCI C TX GPIO P A1 A2 G 001 010 100 000 85 O O O I/O VDDEH6 Slow — / Up — / Up 88 T12 Y22 CAN_B_RX DSPI_C_PCS[4] SCI_C_RX GPIO[86] FlexCAN B RX DSPI C peripheral chip select eSCI C RX GPIO P A1 A2 G 001 010 100 000 86 I O I I/O VDDEH6 Slow — / Up — / Up 89 R13 W21 CAN_C_TX DSPI_D_PCS[3] GPIO[87] FlexCAN C TX DSPI D peripheral chip select GPIO P A1 G 01 10 00 87 O O I/O VDDEH6 Medium — / Up — / Up 101 K13 P19 CAN_C_RX DSPI_D_PCS[4] GPIO[88] FlexCAN C RX DSPI D peripheral chip select GPIO P A1 G 01 10 00 88 I O I/O VDDEH6 Slow — / Up — / Up 98 L14 V20 eSCI Table 3. MPC5644A signal properties (continued) Name Function1 P A G2 PCR PA Field3 PCR4 I/O Type Voltage5 / Pad Type6 Status7 Package pin # During Reset After Reset 176 208 324 |