công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5643AF0MMG3 bảng dữ liệu(PDF) 20 Page - Freescale Semiconductor, Inc

tên linh kiện SPC5643AF0MMG3
Giải thích chi tiết về linh kiện  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643AF0MMG3 bảng dữ liệu(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button SPC5643AF0MMG3 Datasheet HTML 16Page - Freescale Semiconductor, Inc SPC5643AF0MMG3 Datasheet HTML 17Page - Freescale Semiconductor, Inc SPC5643AF0MMG3 Datasheet HTML 18Page - Freescale Semiconductor, Inc SPC5643AF0MMG3 Datasheet HTML 19Page - Freescale Semiconductor, Inc SPC5643AF0MMG3 Datasheet HTML 20Page - Freescale Semiconductor, Inc SPC5643AF0MMG3 Datasheet HTML 21Page - Freescale Semiconductor, Inc SPC5643AF0MMG3 Datasheet HTML 22Page - Freescale Semiconductor, Inc SPC5643AF0MMG3 Datasheet HTML 23Page - Freescale Semiconductor, Inc SPC5643AF0MMG3 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
20
— 64-bit Censorship password register
— If the external tool writes a 64-bit password that matches the Serial Boot password stored in the internal flash
shadow row, Censorship is disabled until the next system reset.
1.4.27
Development Trigger Semaphore (DTS)
MPC5644A devices include a system development feature, the Development Trigger Semaphore (DTS) module, that enables
software to signal an external tool by driving a persistent (affected only by reset or an external tool) signal on an external device
pin. There is a variety of ways this module can be used, including as a component of an external real-time data acquisition
system
1.5
MPC5644A series architecture
1.5.1
Block diagram
Figure 1 shows a top-level block diagram of the MPC5644A series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com