| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC5643AF0MLU3 bảng dữ liệu(PDF) 42 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5643AF0MLU3 bảng dữ liệu(HTML) 42 Page - Freescale Semiconductor, Inc |
|
42 / 138 page ![]() SCI_A_TX EMIOS138 GPIO[89] eSCI A TX eMIOS channel GPIO P A1 G 01 10 00 89 O O I/O VDDEH6 Medium — / Up — / Up 100 J14 N20 SCI_A_RX EMIOS158 GPIO[90] eSCI A RX eMIOS channel GPIO P A1 G 01 10 00 90 I O I/O VDDEH6 Medium — / Up — / Up 99 K14 P20 SCI_B_TX DSPI_D_PCS[1] GPIO[91] eSCI B TX DSPI D peripheral chip select GPIO P A1 G 01 10 00 91 O O I/O VDDEH6 Medium — / Up — / Up 87 L13 AB21 SCI_B_RX DSPI_D_PCS[5] GPIO[92] eSCI B RX DSPI D peripheral chip select GPIO P A1 G 01 10 00 92 I O I/O VDDEH6 Medium — / Up — / Up 84 M13 AB20 SCI_C_TX GPIO[244] eSCI C TX GPIO P G 01 00 244 O I/O VDDEH6 Medium — / Up — / Up — — W19 SCI_C_RX GPIO[245] eSCI C RX GPIO P G 01 00 245 I I/O VDDEH6 Medium — / Up — / Up — — V19 DSPI DSPI_A_SCK17 DSPI_C_PCS[1] GPIO[93] — DSPI C peripheral chip select GPIO — A1 G — 10 00 93 — O I/O VDDEH7 Medium — / Up — / Up — — C17 DSPI_A_SIN17 DSPI_C_PCS[2] GPIO[94] — DSPI C peripheral chip select GPIO — A1 G — 10 00 94 — O I/O VDDEH7 Medium — / Up — / Up — — B17 DSPI_A_SOUT17 DSPI_C_PCS[5] GPIO[95] — DSPI C peripheral chip select GPIO — A1 G — 10 00 95 — O I/O VDDEH7 Medium — / Up — / Up — — A17 DSPI_A_PCS[0]17 DSPI_D_PCS[2] GPIO[96] — DSPI D peripheral chip select GPIO — A1 G — 10 00 96 — O I/O VDDEH7 Medium — / Up — / Up — — D16 DSPI_A_PCS[1]17 DSPI_B_PCS[2] GPIO[97] — DSPI B peripheral chip select GPIO — A1 G — 10 00 97 — O I/O VDDEH7 Medium — / Up — / Up — — C16 CS[2] DSPI_D_SCK GPIO[98] — SPI clock pin for DSPI module GPIO — A1 G — 10 00 98 — I/O I/O VDDEH7 Medium — / Up — / Up 141 J15 C15 Table 3. MPC5644A signal properties (continued) Name Function1 P A G2 PCR PA Field3 PCR4 I/O Type Voltage5 / Pad Type6 Status7 Package pin # During Reset After Reset 176 208 324 |