| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TNETE100PMPGE bảng dữ liệu(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETE100PMPGE bảng dữ liệu(HTML) 24 Page - Texas Instruments |
|
24 / 26 page ![]() ThunderLAN ™ TNETE100 PCI ETHERNET ™ CONTROLLER SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN ™ SPWS017B – APRIL 1995 – REVISED AUGUST 1996 24 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 timing requirements for crystal oscillator (see Figure 10)† MIN TYP MAX UNIT td(VDDH–FXTL1V) Delay time from minimum VDD high level to first valid FXTL1V full swing period (see Note 22) 100 ms tw(H) Pulse duration at FXTL1 high 13 ns tw(L) Pulse duration at FXTL1 low 13 ns tt Transition time of FXTL1 7 ns tc Cycle time, FXTL1 50 ns Tolerance of FXTL1 input frequency "0.01 % † The FXTL signal may be implemented by either connecting a 20-MHz crystal across the FXTL1 and FXTL2 pins or by driving the FXTL1 from a 20-MHz crystal oscillator module. NOTE 22: This specification is provided as an aid to board design. This specification is not guaranteed during manufacturing testing. FXTL1 VDD td(VDDH–FXTL1V) Minimum VDD High Level tc tw(H) tw(L) tt tt Figure 10. Crystal Oscillator Timing |