công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PALCE16V8H-10PI5 bảng dữ liệu(PDF) 3 Page - Advanced Micro Devices

tên linh kiện PALCE16V8H-10PI5
Giải thích chi tiết về linh kiện  EE CMOS 20-Pin Universal Programmable Array Logic
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE16V8H-10PI5 bảng dữ liệu(HTML) 3 Page - Advanced Micro Devices

  PALCE16V8H-10PI5 Datasheet HTML 1Page - Advanced Micro Devices PALCE16V8H-10PI5 Datasheet HTML 2Page - Advanced Micro Devices PALCE16V8H-10PI5 Datasheet HTML 3Page - Advanced Micro Devices PALCE16V8H-10PI5 Datasheet HTML 4Page - Advanced Micro Devices PALCE16V8H-10PI5 Datasheet HTML 5Page - Advanced Micro Devices PALCE16V8H-10PI5 Datasheet HTML 6Page - Advanced Micro Devices PALCE16V8H-10PI5 Datasheet HTML 7Page - Advanced Micro Devices PALCE16V8H-10PI5 Datasheet HTML 8Page - Advanced Micro Devices PALCE16V8H-10PI5 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
AMD
2-38
PALCE16V8H-5/7/10/15/25, Q-10/15/25 (Com’l)
H-10/15/25, Q-20/25 (Ind)
ORDERING INFORMATION
Commercial and Industrial Products
PACKAGE TYPE
P = 20-Pin Plastic DIP (PD 020)
J = 20-Pin Plastic Leaded Chip
Carrier (PL 020)
S = 20-Pin Plastic Gull-Wing
Small Outline Package (SO 020)
OPERATING CONDITIONS
C = Commercial (0
°C to +75°C)
I
= Industrial (–40
°C to +85°C)
Valid Combinations
AMD programmable logic products for commercial and industrial applications are available with several ordering options. The
order number (Valid Combination) is formed by a combination of:
Valid Combinations
Valid Combinations lists configurations planned
to be supported in volume for this device. Consult
the local AMD sales office to confirm availability of
specific valid combinations and to check on newly
released combinations.
PAL
CE
16 V 8 H -5 P C
SPEED
-5 = 5 ns tPD
-7 = 7.5 ns tPD
-10 = 10 ns tPD
-15 = 15 ns tPD
-20 = 20 ns tPD
-25 = 25 ns tPD
FAMILY TYPE
PAL = Programmable Array Logic
POWER
H = Half Power (90 – 125 mA ICC)
Q = Quarter Power (55 mA ICC)
TECHNOLOGY
CE = CMOS Electrically Erasable
NUMBER OF
ARRAY INPUTS
OUTPUT TYPE
V = Versatile
NUMBER OF OUTPUTS
/5
PROGRAMMING DESIGNATOR
Blank = Initial Algorithm
/4 = First Revision
/5 = Second Revision
(Same Algorithm as /4)
OPTIONAL PROCESSING
Blank = Standard Processing
PALCE16V8H-5
PALCE16V8H-7
PALCE16V8H-10
PALCE16V8Q-10
PALCE16V8H-15
PALCE16V8Q-15
PALCE16V8Q-20
PALCE16V8H-25
PALCE16V8Q-25
PC, JC, SC, PI, JI
PC, JC, PI, JI
/5
/4
PC, JC, SC
JC
/5
PC, JC
Blank,
/4
PC, JC, SC, PI, JI
PC, JC
PC, JC, SC, PI, JI
PI, JI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com