công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV62150ARGTR bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TLV62150ARGTR
Giải thích chi tiết về linh kiện  4-17V 1A Step-Down Converter with DCS-Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLV62150ARGTR bảng dữ liệu(HTML) 4 Page - Texas Instruments

  TLV62150ARGTR Datasheet HTML 1Page - Texas Instruments TLV62150ARGTR Datasheet HTML 2Page - Texas Instruments TLV62150ARGTR Datasheet HTML 3Page - Texas Instruments TLV62150ARGTR Datasheet HTML 4Page - Texas Instruments TLV62150ARGTR Datasheet HTML 5Page - Texas Instruments TLV62150ARGTR Datasheet HTML 6Page - Texas Instruments TLV62150ARGTR Datasheet HTML 7Page - Texas Instruments TLV62150ARGTR Datasheet HTML 8Page - Texas Instruments TLV62150ARGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
3
Exposed
Thermal Pad
9
10
11
12
8
7
6
5
4
2
1
16
15
14
13
PVIN
PVIN
AVIN
SS/TR
SW
SW
SW
PG
TLV62150, TLV62150A
SLVSB71B – FEBRUARY 2012 – REVISED JUNE 2013
www.ti.com
DEVICE INFORMATION
RGT PACKAGE
(TOP VIEW)
Terminal Functions
PIN(1)
I/O
DESCRIPTION
NAME
NO.
SW
1,2,3
O
Switch node, which is connected to the internal MOSFET switches. Connect inductor between SW and
output capacitor.
PG
4
O
Output power good (High = VOUT ready, Low = VOUT below nominal regulation) ; open drain (requires
pull-up resistor; goes high impedance, when device is switched off)
FB
5
I
Voltage feedback. Connect resistive voltage divider to this pin.
AGND
6
Analog Ground. Must be connected directly to the Exposed Thermal Pad and common ground plane.
FSW
7
I
Switching Frequency Select (Low
≈ 2.5MHz, High ≈ 1.25MHz(2) for typical operation)(3)
DEF
8
I
Output Voltage Scaling (Low = nominal, High = nominal + 5%)(3)
Soft-Start / Tracking Pin. An external capacitor connected to this pin sets the internal voltage reference rise
SS/TR
9
I
time. It can be used for tracking and sequencing.
AVIN
10
I
Supply voltage for control circuitry. Connect to same source as PVIN.
PVIN
11,12
I
Supply voltage for power stage. Connect to same source as AVIN.
EN
13
I
Enable input (High = enabled, Low = disabled)(3)
VOS
14
I
Output voltage sense pin and connection for the control loop circuitry.
PGND
15,16
Power ground. Must be connected directly to the Exposed Thermal Pad and common ground plane.
Exposed
Must be connected to AGND (pin 6), PGND (pin 15,16) and common ground plane(4). Must be soldered to
Thermal Pad
achieve appropriate power dissipation and mechanical reliability.
(1)
For more information about connecting pins, see DETAILED DESCRIPTION and APPLICATION INFORMATION sections.
(2)
Connect FSW to VOUT or PG in this case.
(3)
An internal pull-down resistor keeps logic level low, if pin is floating.
(4)
See Figure 38.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TLV62150 TLV62150A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com