| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATCA-R6905 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ATCA-R6905 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 2 page ![]() Functional Diagram Bypass PCI-E x8 Qlogic¨ EP2432 Intel¨ 82571EB PCI-E x1, SATA DDR2-667 REG/ECC DDR2-667 REG/ECC DDR2-667 REG/ECC DDR2-667 REG/ECC Intel® 5100 MCH Intel® 82571EB Intel® ICH9R BIOS Flash Flash Super I/O PPS BMR-H8S BCM56312 GbE x24 10GbE x2 BIOS PHY 5464 PHY 5464 LSI® SAS1064E ATI® ES1000 Intel® Quad/Dual-Core LV Xeon® Processor Intel® Quad/Dual-Core LV Xeon® Processor AMC.3 SATA AMC.2 E2/T3 AMC RIO AMC.1 T4 AMC.2 T3 AMC.2 T3 AMC.2 E2 x2 GbE 1/2 PCI-E x4 PCI-E x4 DMI SAS AMC.3 SAS AMC.2 E2/T3 SAS x2 to RTM AMC #2 AMC #1 PCI-E x4, SATA x2, USB5/6/7/8 AMC RIO, GbE x2, SAS x2, COM RGB USB2/3/4 AMC.3 SATA PCI 32-bit/33 MHz PCI 32-bit/33 MHz USB1 SPI COM IPMB 0/1 GbE x2 to RTM UPD CH BCH1 BCH2 FCH1 FCH2 10GbE x2 GbE x2 PCI-E x4 DIB-1066/1333M PCI-E x8 PCI-E x4 PCI-E x4 LPC SATA x2, USB5/6/7/8 GbE 1/2 COM * Fabric Riser card Intel® 82598EB Mechanical Layout Two Quad/Dual-Core Intel® Xeon CPUs Zone1 – Power / IPMI AMC.1 PCI-E Type4 AMC.2 GbE E2/Type3 AMC.3 S2 (SATA/SAS) Server-class Intel® 5100 chipset Four DDR2-667 RDIMM sockets up to 32GB COM USB GbE VGA AMC#2 AMC#1 Hot Swap Reset User Out of Service Media Front Panel LED Indicators and Reset Front Panel I/O Interfaces |