| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TN2540-600G-TR bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TN2540-600G-TR bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 10 page ![]() TN2540, TXN625, TYN625, TYN825, TYN1225 Ordering information Doc ID 7478 Rev 8 9/10 4 Ordering information 5 Revision history Table 8. Ordering information Order code Voltage Sensitivity Marking Package Weight Base qty Delivery mode TN2540-600G-TR 600 V 40 mA TN2540600G D2PAK 1.5 g 1000 Tape & reel TN2540-800G-TR 800 V 40 mA TN2540800G D2PAK 1.5 g 1000 Tape & reel TXN625RG 600 V 40 mA TXN625 TO-220AB ins 2.3 g 50 Tube TYN625RG 600 V 40 mA TYN625 TO-220AB 2.3 g 50 Tube TYN825RG 800 V 40 mA TYN825 TO-220AB 2.3 g 50 Tube TYN1225RG 1200 V 40 mA TYN1225 TO-220AB 2.3 g 50 Tube Table 9. Document revision history Date Revision Changes Apr-2002 4A Previous update 13-Feb-2006 5 TO-220AB delivery mode changed from bulk to tube. ECOPACK statement added. 17-Jun-2011 6 Added TXN625. 13-Sep-2011 7 Added UL certification in Features. 07-Feb-2012 8 Added TYN1225. |