| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F4680ISOSQTP bảng dữ liệu(PDF) 88 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4680ISOSQTP bảng dữ liệu(HTML) 88 Page - Microchip Technology |
|
88 / 482 page ![]() PIC18F2585/2680/4585/4680 DS39625C-page 86 Preliminary © 2007 Microchip Technology Inc. RXF13SIDL SID2 SID1 SID0 — EXIDEN —EID17 EID16 xxx- x-xx 59, 304 RXF13SIDH SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 59, 303 RXF12EIDL EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 59, 303 RXF12EIDH EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 59, 303 RXF12SIDL SID2 SID1 SID0 — EXIDEN —EID17 EID16 xxx- x-xx 59, 304 RXF12SIDH SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 60, 303 RXF11EIDL EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 60, 303 RXF11EIDH EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 60, 303 RXF11SIDL SID2 SID1 SID0 — EXIDEN —EID17 EID16 xxx- x-xx 60, 304 RXF11SIDH SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 60, 303 RXF10EIDL EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 60, 303 RXF10EIDH EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 60, 303 RXF10SIDL SID2 SID1 SID0 — EXIDEN —EID17 EID16 xxx- x-xx 60, 304 RXF10SIDH SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 60, 303 RXF9EIDL EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 60, 303 RXF9EIDH EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 60, 303 RXF9SIDL SID2 SID1 SID0 — EXIDEN —EID17 EID16 xxx- x-xx 60, 304 RXF9SIDH SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 60, 303 RXF8EIDL EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 60, 303 RXF8EIDH EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 60, 303 RXF8SIDL SID2 SID1 SID0 — EXIDEN —EID17 EID16 xxx- x-xx 60, 304 RXF8SIDH SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 60, 303 RXF7EIDL EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 60, 303 RXF7EIDH EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 60, 303 RXF7SIDL SID2 SID1 SID0 — EXIDEN —EID17 EID16 xxx- x-xx 60, 304 RXF7SIDH SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 60, 303 RXF6EIDL EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 60, 303 RXF6EIDH EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 60, 303 RXF6SIDL SID2 SID1 SID0 — EXIDEN —EID17 EID16 xxx- x-xx 60, 304 RXF6SIDH SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 60, 303 TABLE 5-2: REGISTER FILE SUMMARY (PIC18F2585/2680/4585/4680) (CONTINUED) File Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Details on page: Legend: x = unknown, u = unchanged, - = unimplemented, q = value depends on condition Note 1: Bit 21 of the PC is only available in Test mode and Serial Programming modes. 2: The SBOREN bit is only available when CONFIG2L<1:0> = 01; otherwise, it is disabled and reads as ‘0’. See Section 4.4 “Brown-out Reset (BOR)”. 3: These registers and/or bits are not implemented on PIC18F2X8X devices and are read as ‘0’. Reset values are shown for PIC18F4X8X devices; individual unimplemented bits should be interpreted as ‘—’. 4: The PLLEN bit is only available in specific oscillator configuration; otherwise, it is disabled and reads as ‘0’. See Section 2.6.4 “PLL in INTOSC Modes”. 5: The RE3 bit is only available when Master Clear Reset is disabled (CONFIG3H<7> = 0); otherwise, RE3 reads as ‘0’. This bit is read-only. 6: RA6/RA7 and their associated latch and direction bits are individually configured as port pins based on various primary oscillator modes. When disabled, these bits read as ‘0’. 7: CAN bits have multiple functions depending on the selected mode of the CAN module. 8: This register reads all ‘0’s until the ECAN™ technology is set up in Mode 1 or Mode 2. 9: These registers are available on PIC18F4X8X devices only. |