| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STP16CPC26MTR bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP16CPC26MTR bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 26 page ![]() STP16CPC26 Timing diagrams Doc ID 18469 Rev 4 13/26 Figure 12. Timing for clock signal, serial-in and serial out data The correct sampling of the data depends on the stability of the data at SDI on the rising edge of the clock signal and it is assured by a proper data setup and hold time (t SETUP1 And t HOLD ), as shown in Figure 12. The same figure shows the propagation delay from CLK to SDO (t PLH /t PHL ). Figure 13 describes the setup times for LE and OE signals (t SETUP2 and t SETUP3 respectively), the minimum duration of these signals (t WLAT and t WENA respectively) and the propagation delay from CLK to OUT n , LE to OUT n and OE to OUT n (t PLH1 /t PHL1 , t PLH2 /t PHL2 and t PLH3 /t PHL3 respectively). Finally Figure 14 defines the turn-on and turn-off time (t r and t f ) of the current generators. Table 7. Truth table CLOCK LE OE Serial-IN OUT0 ........... OUT7 .............. OUT15(1) 1. OUTn = ON when Dn = H, OUTn = OFF when Dn = L SDO H L Dn Dn ..... Dn - 7 ..... Dn -15 Dn - 15 L L Dn + 1 No change Dn - 14 H L Dn + 2 Dn + 2 ..... Dn - 5 ..... Dn -13 Dn - 13 X L Dn + 3 Dn + 2 ..... Dn - 5 ..... Dn -13 Dn - 13 X H Dn + 3 OFF Dn - 13 |