| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STMPE1600QTR bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE1600QTR bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 27 page ![]() STMPE1600 Register map Doc ID 16938 Rev 3 13/27 4 Register map Table 7. Register map Address Register name Size (bit) Function 0x00 Chip ID LSB 8 0x00 0x01 Chip ID MSB 8 0x16 0x02 Version ID 8 Revision number (0x01) 0x03 SystemControl 8 Reset and interrupt control 0x04- 0x07 Reserved Reserved 0x08 IEGPIOR 8 GPIO interrupt enable register LSB 0x09 8 GPIO interrupt enable register MSB 0x0A ISGPIOR 8 GPIO interrupt status register LSB 0x0B 8 GPIO interrupt status register MSB 0x10 GPMR 8 GPIO monitor pin state register LSB 0x11 8 GPIO monitor pin state register MSB 0x12 GPSR 8 GPIO set pin state register LSB 0x13 8 GPIO set pin state register MSB 0x14 GPDR 8 GPIO set pin direction register LSB 0x15 8 GPIO set pin direction register MSB 0x16 GPPIR 8 GPIO polarity inversion register LSB 0x17 8 GPIO polarity inversion register MSB 0x18- 0xFF Reserved Reserved |