| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F215RE bảng dữ liệu(PDF) 173 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F215RE bảng dữ liệu(HTML) 173 Page - STMicroelectronics |
|
173 / 175 page ![]() DocID17050 Rev 9 173/175 STM32F21xxx Revision history 174 04-Nov-2013 9 Updated Section 3.14: Power supply schemes, Section 3.15: Power supply supervisor, Section 3.16.1: Regulator ON and Section 3.16.2: Regulator OFF. Added Section 3.16.3: Regulator ON/OFF and internal reset ON/OFF availability. Restructured RTC features and added reference clock detection in Section 3.17: Real-time clock (RTC), backup SRAM and backup registers. Added note indicating the package view below Figure 9: STM32F21x LQFP64 pinout, Figure 10: STM32F21x LQFP100 pinout, Figure 11: STM32F21x LQFP144 pinout, and Figure 12: STM32F21x LQFP176 pinout. Added Table 6: Legend/abbreviations used in the pinout table. Table 7: STM32F21x pin and ball definitions: content reformatted, removed indeces on VSS and VDD, updated PA4, PA5, PA6, PC4, BOOT0; replaced DCMI_12 by DCMI_D12, ETH_MII_RX_D0 by ETH_MII_RXD0, ETH_MII_RX_D1 by ETH_MII_RXD1, ETH_RMII_RX_D0 by ETH_RMII_RXD0, and ETH_RMII_RX_D1 by ETH_RMII_RXD1 in . Table 9: Alternate function mapping: replaced FSMC_BLN1 by FSMC_NBL1, added EVENTOUT as AF15 alternated fucntion for PC13, PC14, PC15, PH0, PH1, and PI8. Updated Figure 15: Pin loading conditions and Figure 16: Pin input voltage. Added VIN in Table 13: General operating conditions. Removed note applying to VPOR/PDR minimum value in Table 18: Embedded reset and power control block characteristics. Updated notes related to CL1 and CL2 in Section : Low-speed external clock generated from a crystal/ceramic resonator. Updated conditions in Table 40: EMS characteristics. Updated Table 41: EMI characteristics. Updated VIL, VIH and VHys in Table 45: I/O static characteristics. Added Figure : Output driving current and updated Figure 36: I/O AC characteristics definition. Updated VIL(NRST) and VIH(NRST) in Table 48: NRST pin characteristics, updated Figure 36: I/O AC characteristics definition. Removed tests conditions in Section : I2C interface characteristics. Updated Table 51: I2C characteristics and Figure 38: I2C bus AC waveforms and measurement circuit. Updated IVREF+ and IVDDA in Table 65: ADC characteristics. Updated Offset comments in Table 67: DAC characteristics. Updated minimum th(CLKH-DV) value in Table 77: Synchronous non- multiplexed NOR/PSRAM read timings. Table 93. Document revision history (continued) Date Revision Changes |