công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM8S103F2U6TR bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện STM8S103F2U6TR
Giải thích chi tiết về linh kiện  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F2U6TR bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  STM8S103F2U6TR Datasheet HTML 1Page - STMicroelectronics STM8S103F2U6TR Datasheet HTML 2Page - STMicroelectronics STM8S103F2U6TR Datasheet HTML 3Page - STMicroelectronics STM8S103F2U6TR Datasheet HTML 4Page - STMicroelectronics STM8S103F2U6TR Datasheet HTML 5Page - STMicroelectronics STM8S103F2U6TR Datasheet HTML 6Page - STMicroelectronics STM8S103F2U6TR Datasheet HTML 7Page - STMicroelectronics STM8S103F2U6TR Datasheet HTML 8Page - STMicroelectronics STM8S103F2U6TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 113 page
background image
Table 48. EMS data ................................................................................................................................88
Table 49. EMI data .................................................................................................................................88
Table 50. ESD absolute maximum ratings .............................................................................................89
Table 51. Electrical sensitivities .............................................................................................................90
Table 52. 32-pin low profile quad flat package mechanical data ............................................................91
Table 53. 32-lead, ultra thin, fine pitch quad flat no-lead package mechanical data .............................93
Table 54. 20-lead, ultra thin, fine pitch quad flat no-lead package (3 x 3) package mechanical data ....95
Table 55. 20-pin, 4.40 mm body, 0.65 mm pitch mechanical data .........................................................97
Table 56. 20-lead, plastic small outline (300 mils) mechanical data ......................................................97
Table 57. Thermal characteristics ........................................................................................................100
Table 58. Document revision history ....................................................................................................110
5/113
DocID15441 Rev 6
List of tables
STM8S103K3 STM8S103F3 STM8S103F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More