công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM8S103F3U6TR bảng dữ liệu(PDF) 25 Page - STMicroelectronics

tên linh kiện STM8S103F3U6TR
Giải thích chi tiết về linh kiện  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F3U6TR bảng dữ liệu(HTML) 25 Page - STMicroelectronics

Back Button STM8S103F3U6TR Datasheet HTML 21Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 22Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 23Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 24Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 25Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 26Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 27Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 28Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 117 page
background image
STM8S103Fx UFQFPN20 pinout
5.2.2
Figure 6: STM8S103Fx UFQFPN20-pin pinout
2
1
3
4
5
6
7
8
9
11
12
13
14
15
16
17
18
19
VCAP
VSS
OSCOUT/PA2
OSCIN/PA1
NRST
PC4 (HS)/TIM1_CH4/CLK_CCO/AIN2 [TIM1_CH2N]
PC5 (HS)/SPI_SCK [TIM2_CH1]
PC6 (HS)/SPI_MOSI [TIM1_CH1]
PC7 (HS)/SPI_MISO [TIM1_CH2]
PD1(HS)/SWIM
10
20
1. HS high sink capability.
2. (T) True open drain (P-buffer and protection diode to VDD not implemented).
3. [ ] alternate function remapping option (if the same alternate function is shown twice, it
indicates an exclusive choice not a duplication of the function).
STM8S103Fx TSSOP20/SO20/UFQFPN20 pin description
5.2.3
Table 6: STM8S103Fx pin description
Alternate function
after remap [option
bit]
Default
alternate
function
Main
function
(after
reset)
Output
Input
Type
Pin name
Pin no.
PP
OD
Speed
High sink
(1)
Ext.
interr.
wpu
floating
UFQFPN20
TSSOP/SO20
Timer 2 -
channel
Port D4
X
X
O3
HS
X
X
X
I/O
PD4/ BEEP/
TIM2_ CH1/
UART1 _CK
18
1
1/BEEP output/
UART1 clock
Analog input 5/
UART1 data
transmit
Port D5
X
X
O3
HS
X
X
X
I/O
PD5/ AIN5/
UART1 _TX
19
2
25/117
DocID15441 Rev 9
Pinout and pin description
STM8S103K3 STM8S103F3 STM8S103F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More