| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP62S2048AX-55LLT bảng dữ liệu(PDF) 4 Page - AMIC Technology |
|
|
|||||||||||||||||||||||||||||
LP62S2048AX-55LLT bảng dữ liệu(HTML) 4 Page - AMIC Technology |
|
4 / 17 page ![]() LP62S2048A-T Series PRELIMINARY (June, 2002, Version 0.0) 4 AMIC Technology, Inc. Pin Description - SOP Pin No. Symbol Description 1 - 12, 23, 25 - 28, 31 A0 - A17 Address Inputs 13 - 15, 17 - 21 I/O1 - I/O8 Data Input/Outputs 16 GND Ground 22 CE1 Chip Enable 24 OE Output Enable 29 WE Write Enable 30 CE2 Chip Enable 32 VCC Power Supply Pin Descriptions - TSOP/TSSOP Pin No. Symbol Description 1 - 4, 7, 9 - 20, 31 A0 - A17 Address Inputs 5 WE Write Enable 6 CE2 Chip Enable 8 VCC Power Supply 9 NC No Connection 21 - 23, 25 - 29 I/O1 - I/O8 Data Input/Outputs 24 GND Ground 30 CE1 Chip Enable 32 OE Output Enable Pin Description - CSP Symbol Description Symbol Description A0 - A17 Address Inputs NC No Connection WE Write Enable I/O1 - I/O8 Data Input/Output OE Output Enable VCC Power Supply CE1 Chip Enable GND Ground CE2 Chip Enable -- -- Recommended DC Operating Conditions (TA = -25 °C to + 85°C) Symbol Parameter Min. Typ. Max. Unit VCC Supply Voltage 2.7 3.0 3.3 V GND Ground 0 0 0 V VIH Input High Voltage 2.0 - VCC + 0.3 V VIL Input Low Voltage -0.3 - +0.6 V CL Output Load - - 30 pF TTL Output Load - - 1 - |