| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CW160808-R27J bảng dữ liệu(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
CW160808-R27J bảng dữ liệu(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 2 page ![]() REV. 02/13 Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. CW160808 Series - High Q Chip Inductors Packaging Specifications 10.0 (.393) 12.5 (.492) 2.0 ± 0.5 (.079 ± .020) 50.0 (1.969) 178.0 (7.00) DIA. 13.0 ± 0.5 (.512 ± .020) DIA. 13.0 ± 0.5 (.512 ± .020) DIA. 21.0 ± 0.8 (.827 ± .031) EMBOSSED CARRIER EMBOSSED CAVITY 0.10 (.004) THICKNESS MAX. 8.0 (.315) DIMENSIONS: MM (INCHES) |