công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16LF1904-ESSQTP bảng dữ liệu(PDF) 13 Page - Microchip Technology

tên linh kiện PIC16LF1904-ESSQTP
Giải thích chi tiết về linh kiện  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1904-ESSQTP bảng dữ liệu(HTML) 13 Page - Microchip Technology

Back Button PIC16LF1904-ESSQTP Datasheet HTML 9Page - Microchip Technology PIC16LF1904-ESSQTP Datasheet HTML 10Page - Microchip Technology PIC16LF1904-ESSQTP Datasheet HTML 11Page - Microchip Technology PIC16LF1904-ESSQTP Datasheet HTML 12Page - Microchip Technology PIC16LF1904-ESSQTP Datasheet HTML 13Page - Microchip Technology PIC16LF1904-ESSQTP Datasheet HTML 14Page - Microchip Technology PIC16LF1904-ESSQTP Datasheet HTML 15Page - Microchip Technology PIC16LF1904-ESSQTP Datasheet HTML 16Page - Microchip Technology PIC16LF1904-ESSQTP Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 288 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41569A-page 13
PIC16LF1904/6/7
1.0
DEVICE OVERVIEW
The PIC16LF1904/6/7 are described within this data
sheet. They are available in 28, 40 and 44-pin pack-
ages. Figure 1-1 shows a block diagram of the
PIC16LF1904/6/7 devices. Table 1-2 shows the pinout
descriptions.
Reference Table 1-1 for peripherals available per
device.
TABLE 1-1:
DEVICE PERIPHERAL
SUMMARY
Peripheral
ADC
●●
EUSART
●●
Fixed Voltage Reference (FVR)
●●
LCD
●●
Temperature Indicator
●●
Timers
Timer0
●●
Timer1
●●



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More