| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LS6526 bảng dữ liệu(PDF) 2 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
LS6526 bảng dữ liệu(HTML) 2 Page - LSI Computer Systems |
|
2 / 5 page ![]() 6525-030713-2 PIN7 – V1P1 – Internally biased to 1.1V and applied to non-inverting input of AMP2. Requires an external bypass capacitor. PIN8 – AMP2N – Inverting input of AMP2 amplifier. PIN9 – AMP2O – Output of the AMP2 amplifier. PIN10 – NC – For LS6525. PIN10 – LOBAT Output – For LS6526 only. Open drain output requiring an external pull-up resistor to a power-supply that can be higher than VDD. An active low at the output signifies that a low battery condition exists. PIN11 – TEST – This pin is not used and must be tied to ground. PIN12 – INT Output – Open drain output requiring an external pull-up resistor to a power supply that can be higher than VDD. A recognized Interrupt signal will be an active low at this output. PIN13 – VDD – Power Supply Voltage PIN14 – VSS – Power Supply Ground |