| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8L151F3P6 bảng dữ liệu(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151F3P6 bảng dữ liệu(HTML) 28 Page - STMicroelectronics |
|
28 / 112 page ![]() Pin description STM8L151x2, STM8L151x3 28/112 Doc ID 018780 Rev 4 28 17 16 11 14 PB4(3)/SPI1_NSS/ ADC1_IN14 I/O X XX HS X X Port B4 SPI master/slave select / ADC1_IN14 29 18 17 12 15 PB5/SPI_SCK/ /ADC1_IN13 I/O X XX HS X X Port B5 [SPI clock] / ADC1_IN13 30 19 18 13 16 PB6/SPI1_MOSI/ ADC1_IN12 I/O X XX HS X X Port B6 SPI master out/ slave in / ADC1_IN12 31 20 19 14 17 PB7/SPI1_MISO/ ADC1_IN11 I/O X XX HS X X Port B7 SPI1 master in- slave out/ ADC1_IN11 37 25 21 15 18 PC0/I2C_SDA I/O FT X XT(5) Port C0 I2C data 38 26 22 16 19 PC1/I2C_SCL I/O FT X XT(3) Port C1 I2C clock 41 27 23 - - PC2/USART_RX/ADC 1_IN6 I/O X XX HS X X Port C2 USART receive / ADC1_IN6 42 28 24 - - PC3/USART_TX/ ADC1_IN5 I/O X XX HS X X Port C3 USART transmit / ADC1_IN5 43 29 25 17 20 PC4/USART_CK]/ I2C_SMB/CCO/ ADC1_IN4 I/O X XX HS X X Port C4 USART synchronous clock / I2C1_SMB / Configurable clock output / ADC1_IN4 44 30 26 18 1 PC5/OSC32_IN /[SPI1_NSS](2)/ [USART_TX](2)/ TIM2_CH1(6) I/O X XX HS X X Port C5 LSE oscillator input / [SPI master/slave select] / [USART transmit]/ Timer 2 -channel 1(6) 45 31 27 19 2 PC6/OSC32_OUT/ [SPI_SCK](2)/ [USART_RX](2)/ TIM2_CH2(6) I/O X XX HS X X Port C6 LSE oscillator output / [SPI clock] / [USART receive]/ Timer 2 -channel 2(6) 46 -- -- PC7/ADC1_IN3 I/O X XX HS X X Port C7 ADC1_IN3 20 9 869 PD0/TIM3_CH2/ [ADC1_TRIG](2)/ ADC1_IN22 I/O X XX HS X X Port D0 Timer 3 - channel 2 / [ADC1_Trigger] / ADC1_IN22 21 10 9 - - PD1/TIM3_ETR/ ADC1_IN21 I/O X XX HS X X Port D1 Timer 3 - external trigger / ADC1_IN21 22 11 10 - - PD2/ ADC1_IN20 I/O X XX HS X X Port D2 ADC1_IN20 Table 4. Low density STM8L15xxx pin description (continued) Pin number Pin name Input Output Default alternate function |