| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST62E25BB3 bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62E25BB3 bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 105 page ![]() ST6215C ST6225C 13/105 MEMORY MAP (Cont’d) 3.1.6 Data ROM Window Mechanism The Data read-only memory window is located from address 0040h to address 007Fh in Data space. It allows direct reading of 64 consecutive bytes located anywhere in program memory, be- tween address 0000h and 0FFFh. There are 64 blocks of 64 bytes in a 4K device: – Block 0 is related to the address range 0000h to 003Fh. – Block 1 is related to the address range 0040h to 007Fh. and so on... All the program memory can therefore be used to store either instructions or read-only data. The Data ROM window can be moved in steps of 64 bytes along the program memory by writing the appropriate code in the Data ROM Window Regis- ter (DRWR). Figure 5. Data ROM Window 3.1.6.1 Data ROM Window Register (DRWR) The DRWR can be addressed like any RAM loca- tion in the Data Space. This register is used to select the 64-byte block of program memory to be read in the Data ROM win- dow (from address 40h to address 7Fh in Data space). The DRWR register is not cleared on re- set, therefore it must be written to before access- ing the Data read-only memory window area for the first time. Address: 0C9h — Write Only Reset Value = xxh (undefined) Bits 7:6 = Reserved, must be cleared. Bits 5:0 = DRWR[5:0] Data read-only memory Window Register Bits. These are the Data read- only memory Window bits that correspond to the upper bits of the data read-only memory space. Caution: This register is undefined on reset, it is write-only, therefore do not read it nor access it us- ing Read-Modify-Write instructions (SET, RES, INC and DEC). 0000h 0FFFh 000h 040h 07Fh 0FFh DATA ROM WINDOW DATA SPACE 64-BYTE ROM PROGRAM SPACE 70 - - DRWR5 DRWR4 DRWR3 DRWR2 DRWR1 DRWR0 1 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |