| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SG2525AP bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SG2525AP bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 12 page ![]() Figure 10. Figure 11. For single-ended supplies, the driver outputs are grounded. The VC terminal is switched to ground by the totem-pole source transistors on alternate oscil- lator cycles. In conventional push-pull bipolar designs, forward base drive is controlled by R1 - R3. Rapid turn-off times for the power devices are achieved with speed-up capacitors C1 and C2. The low source impedance of the output drivers pro- vides rapid charging of Power Mos input capaci- tance while minimizing external components. Low power transformers can be driven directly. Automatic reset occurs during dead time, when both ends of the primary winding are switched to ground. Figure 8. Figure 9. SG2525A-SG3525A 9/12 |