công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L7981TR bảng dữ liệu(PDF) 24 Page - STMicroelectronics

tên linh kiện L7981TR
Giải thích chi tiết về linh kiện  3 A step-down switching regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7981TR bảng dữ liệu(HTML) 24 Page - STMicroelectronics

Back Button L7981TR Datasheet HTML 20Page - STMicroelectronics L7981TR Datasheet HTML 21Page - STMicroelectronics L7981TR Datasheet HTML 22Page - STMicroelectronics L7981TR Datasheet HTML 23Page - STMicroelectronics L7981TR Datasheet HTML 24Page - STMicroelectronics L7981TR Datasheet HTML 25Page - STMicroelectronics L7981TR Datasheet HTML 26Page - STMicroelectronics L7981TR Datasheet HTML 27Page - STMicroelectronics L7981TR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
Application informations
L7981
24/44
Doc ID 15182 Rev 3
6.4.2
Type II compensation network
If the equivalent series resistance (ESR) of the output capacitor introduces a zero with a
frequency lower than the desired bandwidth (that is: 2
π∗ESR∗COUT>1/BW), this zero helps
stabilize the loop. Electrolytic capacitors show not negligible ESR (>30 m
Ω), so with this
kind of output capacitor the type II network combined with the zero of the ESR allows
stabilizing the loop.
In Figure 13 the type II network is shown.
Figure 13.
Type II compensation network
The singularities of the network are:
In Figure 14 the Bode diagram of the PWM and LC filter transfer function (GPW0 · GLC(f))
and the open loop gain (GLOOP(f) = GPW0 · GLC(f) · GTYPEII(f)) are drawn.
f
Z1
1
2
π R
4
C
4
⋅⋅
------------------------------
=
f
P0
0
=
f
P1
1
2
π R
4
C
4
C
5
⋅
C
4
C
5
+
--------------------
⋅⋅
--------------------------------------------
=
,,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44