công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC24FV32KA302 bảng dữ liệu(PDF) 97 Page - Microchip Technology

tên linh kiện PIC24FV32KA302
Giải thích chi tiết về linh kiện  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA302 bảng dữ liệu(HTML) 97 Page - Microchip Technology

Back Button PIC24FV32KA302 Datasheet HTML 93Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 94Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 95Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 96Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 97Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 98Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 99Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 100Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 320 page
background image
 2011 Microchip Technology Inc.
DS39995B-page 97
PIC24FV32KA304 FAMILY
REGISTER 8-15:
IEC4: INTERRUPT ENABLE CONTROL REGISTER 4
U-0
U-0
R/W-0
U-0
U-0
U-0
U-0
R/W-0
—
—CTMUIE
—
—
—
—HLVDIE
bit 15
bit 8
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
U-0
—
—
—
—
CRCIE
U2ERIE
U1ERIE
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented:
Read as ‘0’
bit 13
CTMUIE:
CTMU Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 12-9
Unimplemented:
Read as ‘0’
bit 8
HLVDIE:
High/Low-Voltage Detect Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 7-4
Unimplemented:
Read as ‘0’
bit 3
CRCIE:
CRC Generator Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 2
U2ERIE:
UART2 Error Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 1
U1ERIE:
UART1 Error Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 0
Unimplemented:
Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com