công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM188ES-40VI/W bảng dữ liệu(PDF) 49 Page - Advanced Micro Devices

tên linh kiện AM188ES-40VI/W
Giải thích chi tiết về linh kiện  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM188ES-40VI/W bảng dữ liệu(HTML) 49 Page - Advanced Micro Devices

Back Button AM188ES-40VI/W Datasheet HTML 45Page - Advanced Micro Devices AM188ES-40VI/W Datasheet HTML 46Page - Advanced Micro Devices AM188ES-40VI/W Datasheet HTML 47Page - Advanced Micro Devices AM188ES-40VI/W Datasheet HTML 48Page - Advanced Micro Devices AM188ES-40VI/W Datasheet HTML 49Page - Advanced Micro Devices AM188ES-40VI/W Datasheet HTML 50Page - Advanced Micro Devices AM188ES-40VI/W Datasheet HTML 51Page - Advanced Micro Devices AM188ES-40VI/W Datasheet HTML 52Page - Advanced Micro Devices AM188ES-40VI/W Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 102 page
background image
Am186/188ES and Am186/188ESLV Microcontrollers
49
P R E L IMINA R Y
Watchdog Timer
The Am186ES and Am188ES microcontrollers provide
a true watchdog timer function. The Watchdog Timer
(WDT) can be used to regain control of the system
when software fails to respond as expected. The WDT
is active after reset. It can only be modified a single
time by a keyed sequence of writes to the watchdog
timer control register (WDTCON) following reset. This
single write can either disable the timer or modify the
timeout period and the action taken upon timeout. A
keyed sequence is also required to reset the current
WDT count. This behavior ensures that randomly exe-
cuting code will not prevent a WDT event from occur-
ring.
The WDT supports up to a 1.67-second timeout period
in a 40-MHz system. After reset, the WDT is enabled
and the timeout period is set to its maximum value.
The WDT can be configured to cause either an NMI in-
terrupt or a system reset upon timeout. If the WDT is
configured for NMI, the NMIFLAG in the WDTCON reg-
ister is set when the NMI is generated. The NMI inter-
rupt service routine (ISR) should examine this flag to
determine if the interrupt was generated by the WDT or
by an external source. If the NMIFLAG is set, the ISR
should clear the flag by writing the correct keyed se-
quence to the WDTCON register. If the NMIFLAG is set
when a second WDT timeout occurs, a WDT system
reset is generated rather than a second NMI event.
When the processor takes a WDT reset, either due to
a single WDT event with the WDT configured to gener-
ate resets or due to a WDT event with the NMIFLAG
set, the RSTFLAG in the WDTCON register is set. This
allows system initialization code to differentiate be-
tween a hardware reset and a WDT reset and take ap-
propriate action. The RSTFLAG is cleared when the
WDTCON register is read or written. The processor
does not resample external pins during a WDT reset.
This means that the clocking, the reset configuration
register, and any other features that are user-select-
able during reset do not change when a WDT system
reset occurs. All other activities are identical to those of
a normal system reset.
Note: The Watchdog Timer (WDT) is active after re-
set.
DIRECT MEMORY ACCESS (DMA)
Direct memory access (DMA) permits transfer of data
between memory and peripherals without CPU involve-
ment. The DMA unit in the Am186ES and Am188ES
microcontrollers, shown in Figure 10, provides two
high-speed DMA channels. Data transfers can occur
between memory and I/O spaces (e.g., memory to I/O)
or within the same space (e.g., memory to memory or
I/O to I/O). The DMA channels can be directly con-
nected to the asynchronous serial ports.
Either bytes or words can be transferred to or from
even or odd addresses on the Am186ES microcon-
troller. However, the Am186ES microcontroller does
not support word DMA transfers to or from memory
configured for 8-bit accesses. The Am188ES micro-
controller does not support word transfers. Only two
bus cycles (a minimum of eight clocks) are necessary
for each data transfer.
Each channel accepts a DMA request from one of four
sources: the channel request pin (DRQ1–DRQ0),
Timer 2, a serial port, or the system software. The
channels can be programmed with different priorities in
the event of a simultaneous DMA request or if there is
a need to interrupt transfers on the other channel.
DMA Operation
Each channel has six registers in the peripheral control
block that define specific channel operations. The DMA
registers consist of a 20-bit source address (two regis-
ters), a 20-bit destination address (two registers), a 16-
bit transfer count register, and a 16-bit control register.
The DMA transfer count register (DTC) specifies the
number of DMA transfers to be performed. Up to 64K
of byte or word transfers can be performed with auto-
matic termination. The DMA control registers define the
channel operation. All registers can be modified dur-
ing any DMA activity. Any changes made to the DMA
registers are reflected immediately in DMA operation.
Table 8.
Am186ES Microcontroller Maximum
DMA Transfer Rates
Type of Synchronization
Selected
Maximum DMA
Transfer Rate (Mbytes)
40
MHz
33
MHz
25
MHz
20
MHz
Unsynchronized
10
8.25
6.25
5
Source Synch
10
8.25
6.25
5
Destination Synch
(CPU needs bus)
6.6
5.5
4.16
3.3
Destination Synch
(CPU does not need bus)
8
6.6
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com