| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3636NF2 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
3636NF2 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 3 page ![]() A-116 APEM www.apem.com 3600NF series Sealed toggle switches for outdoor applications Screw terminals - solder lug/quick-connect terminals A Screw terminals - single pole MODEL STRUCTURE III II I 2-1 2-3 3631NF ON - OFF 3635NF MOM - ON 3636NF ON - ON 3637NF MOM OFF MOM 3638NF ON OFF MOM 3639NF ON OFF ON Solder lug/quick-connect terminals - single pole III II I 2-1 2-3 3631NF/2 ON - OFF 3635NF/2 MOM - ON 3636NF/2 ON - ON 3637NF/2 MOM OFF MOM 3638NF/2 ON OFF MOM 3639NF/2 ON OFF ON Screw terminals - double pole III II I 2-1 2-3 5-4 5-6 3641NF ON - OFF 3644NF* ON ON ON 3645NF MOM - ON 3646NF ON - ON 3647NF MOM OFF MOM 3648NF ON OFF MOM 3649NF ON OFF ON • 1 and 2 pole configurations * Function 4 : SP in DP case, see end of catalogue. ➞ Keyway ➞ Keyway ➞ Keyway ➞ Keyway 2 1 3 (.031) (.118DIAx0.50 IS) Ø3.00x0.50 SI 0.80 6.35 (.25) 6.35x0.80 (.25x.031) Ø3.10 (.122DIA) 4 5 6 3 2 1 I II III Ø12.00x0.75 SI (.472DIAx0.75 IS) 24.60 9.20 (.362) (.968) 90˚ (.846) 21.50 (.689) (.413) 10.50 17.50 21.50 17.50 10.50 90˚ (.413) (.689) (.846) 24.60 9.20 (.362) (.968) I II III Ø12.00x0.75 SI (.472DIAx0.75 IS) 1 4 5 6 3 2 90˚ (.846) 21.50 17.50 10.50 (.413) (.689) 24.60 9.20 (.362) (.968) (.472DIAx0.75 IS) III II I Ø12.00x0.75 SI 1 2 3 6 5 4 |