công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3641NF bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện 3641NF
Giải thích chi tiết về linh kiện  Sealed toggle switches for outdoor applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

3641NF bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  3641NF Datasheet HTML 1Page - List of Unclassifed Manufacturers 3641NF Datasheet HTML 2Page - List of Unclassifed Manufacturers 3641NF Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A-116
APEM
www.apem.com
3600NF series
Sealed toggle switches for outdoor applications
Screw terminals - solder lug/quick-connect terminals
A
Screw terminals - single pole
MODEL
STRUCTURE
III
II
I
2-1
2-3
3631NF
ON
-
OFF
3635NF
MOM -
ON
3636NF
ON
-
ON
3637NF
MOM OFF MOM
3638NF
ON
OFF MOM
3639NF
ON
OFF
ON
Solder lug/quick-connect terminals - single pole
III
II
I
2-1
2-3
3631NF/2
ON
-
OFF
3635NF/2
MOM -
ON
3636NF/2
ON
-
ON
3637NF/2
MOM OFF MOM
3638NF/2
ON
OFF MOM
3639NF/2
ON
OFF
ON
Screw terminals - double pole
III
II
I
2-1
2-3
5-4
5-6
3641NF
ON
-
OFF
3644NF*
ON
ON
ON
3645NF
MOM -
ON
3646NF
ON
-
ON
3647NF
MOM OFF MOM
3648NF
ON
OFF MOM
3649NF
ON
OFF
ON
•
1 and 2 pole configurations
* Function 4 : SP in DP case, see end of catalogue.
➞ Keyway
➞ Keyway
➞ Keyway
➞ Keyway
2
1
3
(.031)
(.118DIAx0.50 IS)
Ø3.00x0.50 SI
0.80
6.35
(.25)
6.35x0.80
(.25x.031)
Ø3.10
(.122DIA)
4
5
6
3
2
1
I
II
III
Ø12.00x0.75 SI
(.472DIAx0.75 IS)
24.60
9.20
(.362)
(.968)
90˚
(.846)
21.50
(.689)
(.413)
10.50
17.50
21.50
17.50
10.50
90˚
(.413)
(.689)
(.846)
24.60
9.20
(.362)
(.968)
I
II
III
Ø12.00x0.75 SI
(.472DIAx0.75 IS)
1
4
5
6
3
2
90˚
(.846)
21.50
17.50
10.50
(.413)
(.689)
24.60
9.20
(.362)
(.968)
(.472DIAx0.75 IS)
III
II
I
Ø12.00x0.75 SI
1
2
3
6
5
4



Html Pages

1 2 3