| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
18E112K bảng dữ liệu(PDF) 12 Page - World Produts Inc. |
|
|
|||||||||||||||||||||||||||||
18E112K bảng dữ liệu(HTML) 12 Page - World Produts Inc. |
|
12 / 65 page ![]() Metal Oxide VaristOrs WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com Rev. 9.9 10 | Metal Oxide Varistors Standard Dimensions and Lead Modification Options (continued) E Max Dimensions (For Standard Epoxy) Dimensions are in mm (inches) 20D Series Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) 20D180K 4 .3 ( .17) 1 .5 ( .06) 20D301K 5 .0 ( .2) 2 .6 ( .1) 20D220K 4 .5 ( .18) 1 .6 ( .063) 20D331K 5 .0 ( .2) 2 .7 ( .1) 20D270K 4 .7 ( .185) 1 .8 ( .07) 20D361K 5 .4 ( .21) 2 .9 ( .11) 20D330K 4 .9 ( .19) 2 .1 ( .083) 20D391K 5 .5 ( .22) 3 .1 ( .12) 20D390K 5 .1 ( .2) 2 .1 ( .083) 20D431K 5 .7 ( .22) 3 .3 ( .13) 20D470K 5 .3 ( .21) 2 .2 ( .087) 20D471K 5 .5 ( .22) 4 .0 ( .157) 20D560K 5 .5 ( .22) 2 .2 ( .087) 20D511K 5 .7 ( .22) *3 .4 ( .13) 20D680K 5 .7 ( .22) 2 .4 ( .094) 20D561K 5 .9 ( .23) *3 .8 ( .15) 20D820K 4 .3 ( .17) 1 .5 ( .06) 20D621K 6 .2 ( .24) *4 .5 ( .18) 20D101K 4 .3 ( .17) 1 .6 ( .063) 20D681K 6 .5 ( .26) *4 .8 ( .19) 20D121K 4 .4 ( .17) 1 .6 ( .063) 20D751K 6 .8 ( .27) *5 .2 ( .2) 20D151K 4 .6 ( .18) 1 .6 ( .063) 20D781K 7 .0 ( .275) *5 .4 ( .2) 20D181K 4 .6 ( .18) 1 .8 ( .07) 20D821K 7 .2 ( .28) *5 .6 ( .22) 20D201K 4 .7 ( .185) 2 .0 ( .08) 20D911K 7 .5 ( .3) *6 .5 ( .255) 20D221K 4 .8 ( .19) 2 .0 ( .08) 20D102K 7 .9 ( .31) *6 .6 ( .26) 20D241K 4 .9 ( .19) 2 .2 ( .087) 20D112K 8 .4 ( .33) *7 .3 ( .287) 20D271K 4 .9 ( .19) 2 .3 ( .09) 25D Series Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) 25D181K 4 .8 ( .19) 2 .2 ( .087) 25D511K 6 .8 ( .27) *3 .5 ( .138) 25D201K 5 .0 ( .2) 2 .2 ( .087) 25D561K 7 .0 ( .275) *3 .9 ( .15) 25D221K 5 .0 ( .2) 2 .2 ( .087) 25D621K 7 .4 ( .29) *4 .8 ( .19) 25D241K 5 .3 ( .21) 2 .4 ( .094) 25D681K 7 .5 ( .29) *5 .0 ( .197) 25D271K 5 .5 ( .22) 2 .5 ( .1) 25D751K 7 .6 ( .30) *5 .4 ( .2) 25D301K 5 .6 ( .22) 2 .7 ( .1) 25D781K 8 .0 ( .31) *5 .5 ( .22) 25D331K 5 .9 ( .23) 2 .8 ( .11) 25D821K 8 .2 ( .32) *5 .8 ( .23) 25D361K 5 .9 ( .23) 3 .0 ( .12) 25D911K 8 .2 ( .32) *7 .0 ( .275) 25D391K 6 .0 ( .24) 3 .3 ( .13) 25D102K 8 .8 ( .35) *7 .2 ( .28) 25D431K 6 .5 ( .256) 3 .5 ( .138) 25D112K 9 .4 ( .37) *7 .4 ( .29) 25D471K 6 .5 ( .26) 5 .0 ( .197) * Bulk parts for 320VAC and larger come standard with inline crimp (as referenced at beginning of “Standard Dimensions and Lead Modification Options” section ) for straight disk seating on PC boards . Therefore, “a” dimension is not applicable . If 320VAC and larger size are required without in-line crimp, please reference “Part Number System” position # (8) and add “N” and reference “a” dimensions (for off-set) above . E max a |