công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29F800BB-55SCB bảng dữ liệu(PDF) 16 Page - Advanced Micro Devices

tên linh kiện AM29F800BB-55SCB
Giải thích chi tiết về linh kiện  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F800BB-55SCB bảng dữ liệu(HTML) 16 Page - Advanced Micro Devices

Back Button AM29F800BB-55SCB Datasheet HTML 12Page - Advanced Micro Devices AM29F800BB-55SCB Datasheet HTML 13Page - Advanced Micro Devices AM29F800BB-55SCB Datasheet HTML 14Page - Advanced Micro Devices AM29F800BB-55SCB Datasheet HTML 15Page - Advanced Micro Devices AM29F800BB-55SCB Datasheet HTML 16Page - Advanced Micro Devices AM29F800BB-55SCB Datasheet HTML 17Page - Advanced Micro Devices AM29F800BB-55SCB Datasheet HTML 18Page - Advanced Micro Devices AM29F800BB-55SCB Datasheet HTML 19Page - Advanced Micro Devices AM29F800BB-55SCB Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
16
Am29F800B
P R E L I M I NARY
Table 5.
Am29F800B Command Definitions
Legend:
X = Don’t care
RA = Address of the memory location to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed.
Addresses latch on the falling edge of the WE# or CE# pulse,
whichever happens later.
PD = Data to be programmed at location PA. Data latches on the
rising edge of WE# or CE# pulse, whichever happens first.
SA = Address of the sector to be verified (in autoselect mode) or
erased. Address bits A17–A12 uniquely select any sector.
Notes:
1. See Table 1 for description of bus operations.
2. All values are in hexadecimal.
3. Except when reading array or autoselect data, all bus cycles
are write operations.
4. Data bits DQ15–DQ8 are don’t cares for unlock and
command cycles.
5. Address bits A17–A11 are don’t cares for unlock and
command cycles, unless SA or PA required.
6. No unlock or command cycles required when reading array
data.
7. The Reset command is required to return to reading array
data when device is in the autoselect mode, or if DQ5 goes
high (while the device is providing status data).
8. The fourth cycle of the autoselect command sequence is a
read cycle.
9. The data is 00h for an unprotected sector and 01h for a
protected sector. See “Autoselect Command Sequence” for
more information.
10. The system may read and program in non-erasing sectors, or
enter the autoselect mode, when in the Erase Suspend
mode. The Erase Suspend command is valid only during a
sector erase operation.
11. The Erase Resume command is valid only during the Erase
Suspend mode.
Command
Sequence
(Note 1)
Bus Cycles (Notes 2–5)
First
Second
Third
Fourth
Fifth
Sixth
Addr
Data
Addr
Data
Addr
Data Addr
Data
Addr Data
Addr
Data
Read (Note 6)
1
RA
RD
Reset (Note 7)
1
XXX
F0
Manufacturer ID
Word
4
555
AA
2AA
55
555
90
X00
01
Byte
AAA
555
AAA
Device ID,
Top Boot Block
Word
4
555
AA
2AA
55
555
90
X01
22D6
Byte
AAA
555
AAA
X02
D6
Device ID,
Bottom Boot Block
Word
4
555
AA
2AA
55
555
90
X01
2258
Byte
AAA
555
AAA
X02
58
Sector Protect Verify
(Note 9)
Word
4
555
AA
2AA
55
555
90
(SA)
X02
XX00
XX01
Byte
AAA
555
AAA
(SA)
X04
00
01
Program
Word
4
555
AA
2AA
55
555
A0
PA
PD
Byte
AAA
555
AAA
Chip Erase
Word
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
Byte
AAA
555
AAA
AAA
555
AAA
Sector Erase
Word
6
555
AA
2AA
55
555
80
555
AA
2AA
55
SA
30
Byte
AAA
555
AAA
AAA
555
Erase Suspend (Note 10)
1
XXX
B0
Erase Resume (Note 11)
1
XXX
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com