| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAJS475004NJ bảng dữ liệu(PDF) 3 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
TAJS475004NJ bảng dữ liệu(HTML) 3 Page - AVX Corporation |
|
3 / 5 page ![]() 28 Rated DCL DF ESR AVX Case Cap Voltage (μA) % Max. (Ω) Part No. Size (μF) (V) Max. Max. @100kHz 2.5 Volt @ 85ºC (1.7 Volt @ 125ºC) TAJR475*002#NJ R 4.7 2.5 0.5 6 20 TAJR685*002#NJ R 6.8 2.5 0.5 6 20 TAJR106*002#NJ R 10 2.5 0.5 8 4.5 TAJS106*002#NJ S 10 2.5 0.5 6 8 TAJR156*002#NJ R 15 2.5 0.5 8 4.1 TAJP226*002#NJ P 22 2.5 0.5 8 3.5 TAJR226*002#NJ R 22 2.5 0.5 8 3.8 TAJK336*002#NJ K 33 2.5 0.8 8 1.7 TAJP336*002#NJ P 33 2.5 0.7 8 3.5 TAJS336*002#NJ S 33 2.5 0.7 8 1.5 TAJP476M002#NJ P 47 2.5 1.2 12 3.2 TAJS476*002#NJ S 47 2.5 1.2 8 1.6 TAJT686*002#NJ T 68 2.5 1.4 8 1.5 TAJT107*002#NJ T 100 2.5 2.5 15 1.3 TAJW107*002#NJ W 100 2.5 2.5 8 0.4 TAJT157M002#NJ T 150 2.5 3.8 18 1.2 TAJW157*002#NJ W 150 2.5 3.8 8 0.3 TAJW227*002#NJ W 220 2.5 5.5 8 0.3 TAJY227*002#NJ Y 220 2.5 5.5 8 0.3 TAJW337M002#NJ W 330 2.5 8.2 12 0.3 TAJY337*002#NJ Y 330 2.5 8.2 8 0.3 TAJF477*002#NJ F 470 2.5 11.8 12 0.3 TAJY477*002#NJ Y 470 2.5 11 12 0.2 TAJY687*002#NJ Y 680 2.5 17 12 0.2 TAJY108M002#NJ Y 1000 2.5 25 30 0.2 4 Volt @ 85ºC (2.7 Volt @ 125ºC) TAJR225*004#NJ R 2.2 4 0.5 6 25 TAJS225*004#NJ S 2.2 4 0.5 6 25 TAJR335*004#NJ R 3.3 4 0.5 6 20 TAJS335*004#NJ S 3.3 4 0.5 6 18 TAJR475*004#NJ R 4.7 4 0.5 6 12 TAJS475*004#NJ S 4.7 4 0.5 6 10 TAJR685*004#NJ R 6.8 4 0.5 6 5.2 TAJS685*004#NJ S 6.8 4 0.5 6 8 TAJT685*004#NJ T 6.8 4 0.5 6 6 TAJR106*004#NJ R 10 4 0.5 6 7 TAJS106*004#NJ S 10 4 0.5 6 6 TAJT106*004#NJ T 10 4 0.6 6 5 TAJR156*004#NJ R 15 4 0.6 8 4 TAJS156*004#NJ S 15 4 0.6 8 4 TAJT156*004#NJ T 15 4 0.6 6 2 TAJK226*004#NJ K 22 4 0.9 8 1.8 TAJP226*004#NJ P 22 4 0.9 8 5 TAJR226*004#NJ R 22 4 0.9 8 3.8 TAJS226*004#NJ S 22 4 0.9 8 3.5 TAJT226*004#NJ T 22 4 0.9 6 1.9 TAJK336*004#NJ K 33 4 1.3 10 1.7 TAJP336M004#NJ P 33 4 1.3 8 3.4 TAJS336*004#NJ S 33 4 1.3 8 1.7 TAJT336*004#NJ T 33 4 1.3 6 1.7 TAJW336*004#NJ W 33 4 1.3 6 0.6 TAJT476*004#NJ T 47 4 1.9 10 2 TAJW476*004#NJ W 47 4 1.9 6 0.5 TAJT686*004#NJ T 68 4 2.7 15 1.5 TAJW686*004#NJ W 68 4 2.7 6 0.4 TAJT107M004#NJ T 100 4 4 14 1.4 TAJW107*004#NJ W 100 4 4 6 1.3 TAJW157*004#NJ W 150 4 6 6 1.3 TAJY157*004#NJ Y 150 4 6 6 0.4 TAJW227*004#NJ W 220 4 8.8 8 1.2 TAJX227*004#NJ X 220 4 8.8 8 0.9 TAJY227*004#NJ Y 220 4 8.8 8 0.3 TAJF337*004#NJ F 330 4 13.2 10 0.3 TAJ Series Low Profile RATINGS & PART NUMBER REFERENCE Rated DCL DF ESR AVX Case Cap Voltage (μA) % Max. (Ω) Part No. Size (μF) (V) Max. Max. @100kHz TAJX337*004#NJ X 330 4 13.2 8 0.3 TAJY477*004#NJ Y 470 4 18.8 14 0.9 TAJY687M004#NJ Y 680 4 27.2 25 0.2 6.3 Volt @ 85ºC (4 Volt @ 125ºC) TAJR155*006#NJ R 1.5 6.3 0.5 6 2 TAJS155*006#NJ S 1.5 6.3 0.5 6 25 TAJR225*006#NJ R 2.2 6.3 0.5 6 20 TAJS225*006#NJ S 2.2 6.3 0.5 6 18 TAJR335*006#NJ R 3.3 6.3 0.5 6 12 TAJS335*006#NJ S 3.3 6.3 0.5 6 9 TAJR475*006#NJ R 4.7 6.3 0.5 6 7 TAJS475*006#NJ S 4.7 6.3 0.5 6 7.5 TAJT475*006#NJ T 4.7 6.3 0.5 6 6 TAJR685*006#NJ R 6.8 6.3 0.5 8 7 TAJS685*006#NJ S 6.8 6.3 0.5 6 2.6 TAJT685*006#NJ T 6.8 6.3 0.5 6 5 TAJR106*006#NJ R 10 6.3 0.6 8 6 TAJS106*006#NJ S 10 6.3 0.6 8 4 TAJT106*006#NJ T 10 6.3 0.6 6 4 TAJK156*006#NJ K 15 6.3 0.9 6 2 TAJP156*006#NJ P 15 6.3 0.9 8 3.5 TAJR156*006#NJ R 15 6.3 0.9 8 4.1 TAJS156*006#NJ S 15 6.3 0.9 8 4 TAJT156*006#NJ T 15 6.3 0.9 6 3.5 TAJK226*006#NJ K 22 6.3 1.3 10 1.8 TAJP226M006#NJ P 22 6.3 1.3 8 3.8 TAJS226*006#NJ S 22 6.3 1.3 10 1.8 TAJT226*006#NJ T 22 6.3 1.4 8 2.5 TAJW226*006#NJ W 22 6.3 1.3 6 0.6 TAJT336*006#NJ T 33 6.3 2.1 10 2.5 TAJW336*006#NJ W 33 6.3 2.1 6 1.8 TAJT476*006#NJ T 47 6.3 2.8 10 1.6 TAJW476*006#NJ W 47 6.3 3 6 1.5 TAJW686*006#NJ W 68 6.3 4.3 6 1.5 TAJW107*006#NJ W 100 6.3 6.3 6 0.9 TAJY107*006#NJ Y 100 6.3 6.3 6 0.9 TAJW157*006#NJ W 157 6.3 9 8 0.3 TAJX157*006#NJ X 150 6.3 9.5 6 0.9 TAJY157*006#NJ Y 150 6.3 9 6 0.4 TAJF227*006#NJ F 220 6.3 13.2 10 0.3 TAJX227*006#NJ X 220 6.3 13.2 8 0.3 TAJY227*006#NJ Y 220 6.3 13.9 10 0.9 TAJY337*006#NJ Y 330 6.3 20.8 12 0.4 TAJY477*006#NJ Y 470 6.3 28.2 20 0.2 10 Volt @ 85ºC (7 Volt @ 125ºC) TAJR105*010#NJ R 1 10 0.5 4 25 TAJS105*010#NJ S 1 10 0.5 4 25 TAJR155*010#NJ R 1.5 10 0.5 6 20 TAJS155*010#NJ S 1.5 10 0.5 6 20 TAJR225*010#NJ R 2.2 10 0.5 6 15 TAJS225*010#NJ S 2.2 10 0.5 6 12 TAJR335*010#NJ R 3.3 10 0.5 6 8 TAJS335*010#NJ S 3.3 10 0.5 6 8 TAJT335*010#NJ T 3.3 10 0.5 6 6 TAJR475*010#NJ R 4.7 10 0.5 6 9 TAJS475*010#NJ S 4.7 10 0.5 6 5 TAJT475*010#NJ T 4.7 10 0.5 6 5 TAJP685*010#NJ P 6.8 10 0.7 6 5 TAJR685*010#NJ R 6.8 10 0.7 6 5.2 TAJS685*010#NJ S 6.8 10 0.7 6 4 TAJT685*010#NJ T 6.8 10 0.7 6 4 TAJK106*010#NJ K 10 10 1 6 2.2 TAJP106*010#NJ P 10 10 1 8 6 All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. * Insert K for ±10% and M for ±20% # Standard Plating – Insert R for 7" reel and S for 13" reel Capacitance Tolerance # Gold Plating – Insert A for 7" reel and B for 13" reel NOTE: AVX reserves the right to supply a higher voltage rating or tighter toler- ance part in the same case size, to the same reliability standards. |