| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAJS225004NJ bảng dữ liệu(PDF) 4 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
TAJS225004NJ bảng dữ liệu(HTML) 4 Page - AVX Corporation |
|
4 / 5 page ![]() 29 TAJ Series Low Profile RATINGS & PART NUMBER REFERENCE All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. * Insert K for ±10% and M for ±20% # Standard Plating – Insert R for 7" reel and S for 13" reel Capacitance Tolerance # Gold Plating – Insert A for 7" reel and B for 13" reel NOTE: AVX reserves the right to supply a higher voltage rating or tighter toler- ance part in the same case size, to the same reliability standards. Rated DCL DF ESR AVX Case Cap Voltage (μA) % Max. (Ω) Part No. Size (μF) (V) Max. Max. @100kHz TAJR106M010#NJ R 10 10 1 20 6 TAJS106*010#NJ S 10 10 1 8 4 TAJT106*010#NJ T 10 10 1 6 3 TAJS156*010#NJ S 15 10 1.5 6 2 TAJT156*010#NJ T 15 10 1.5 8 2.8 TAJW156*010#NJ W 15 10 1.5 6 0.7 TAJT226*010#NJ T 22 10 2.2 8 2.2 TAJW226*010#NJ W 22 10 2.2 6 0.6 TAJW336*010#NJ W 33 10 3.3 6 1.6 TAJW476*010#NJ W 47 10 4.7 6 1.4 TAJY476*010#NJ Y 47 10 4.7 6 0.5 TAJW686*010#NJ W 68 10 6.8 6 1.3 TAJY686*010#NJ Y 68 10 6.8 6 0.9 TAJW107*010#NJ W 100 10 10 6 0.4 TAJX107*010#NJ X 100 10 10 8 0.9 TAJY107*010#NJ Y 100 10 10 6 0.9 TAJF157*010#NJ F 150 10 15 10 0.3 TAJX157M010#NJ X 150 10 15 6 0.3 TAJY157*010#NJ Y 150 10 15 6 1.2 TAJY227*010#NJ Y 220 10 22 10 0.5 16 Volt @ 85ºC (10 Volt @ 125ºC) TAJR684*016#NJ R 0.68 16 0.5 4 25 TAJS684*016#NJ S 0.68 16 0.5 4 25 TAJR105*016#NJ R 1 16 0.5 4 20 TAJS105*016#NJ S 1 16 0.5 4 15 TAJT105*016#NJ T 1 16 0.5 4 5 TAJR155*016#NJ R 1.5 16 0.5 6 10 TAJS155*016#NJ S 1.5 16 0.5 6 12 TAJR225*016#NJ R 2.2 16 0.5 6 6.5 TAJS225*016#NJ S 2.2 16 0.5 6 6 TAJT225*016#NJ T 2.2 16 0.5 6 6.5 TAJR335*016#NJ R 3.3 16 0.5 8 5 TAJS335*016#NJ S 3.3 16 0.5 6 5 TAJT335*016#NJ T 3.3 16 0.5 6 5 TAJK475*016#NJ K 4.7 16 0.8 6 3.1 TAJP475*016#NJ P 4.7 16 0.8 8 5 TAJS475*016#NJ S 4.7 16 0.8 8 4.5 TAJT475*016#NJ T 4.7 16 0.8 6 3.1 TAJS685*016#NJ S 6.8 16 1.1 8 2.4 TAJT685*016#NJ T 6.8 16 1.1 6 3.5 TAJT106*016#NJ T 10 16 1.6 8 2.2 TAJW106*016#NJ W 10 16 1.6 6 2 TAJT156M016#NJ T 15 16 2.4 6 2 TAJW156*016#NJ W 15 16 2.4 6 0.7 TAJW226*016#NJ W 22 16 3.5 6 1.6 TAJW336*016#NJ W 33 16 5.3 6 1.5 TAJY336*016#NJ Y 33 16 5.3 6 0.9 TAJW476*016#NJ W 47 16 7.5 6 0.4 TAJX476*016#NJ X 47 16 7.5 6 0.9 TAJY476*016#NJ Y 47 16 7.5 6 0.7 TAJF686*016#NJ F 68 16 10.9 10 0.4 TAJX686*016#NJ X 68 16 10.9 8 0.6 TAJY686*016#NJ Y 68 16 10.9 6 0.9 TAJF107M016#NJ F 100 16 16 10 0.4 TAJY107*016#NJ Y 100 16 16 8 0.9 TAJY157M016#NJ Y 150 16 24 15 03 20 Volt @ 85ºC (13 Volt @ 125ºC) TAJR104*020#NJ R 0.1 20 0.5 4 25 TAJS104*020#NJ S 0.1 20 0.5 4 25 TAJR154*020#NJ R 0.15 20 0.5 4 25 TAJS154*020#NJ S 0.15 20 0.5 4 25 TAJR224*020#NJ R 0.22 20 0.5 4 25 TAJS224*020#NJ S 0.22 20 0.5 4 25 TAJR334*020#NJ R 0.33 20 0.5 4 25 TAJS334*020#NJ S 0.33 20 0.5 4 25 Rated DCL DF ESR AVX Case Cap Voltage (μA) % Max. (Ω) Part No. Size (μF) (V) Max. Max. @100kHz TAJR474*020#NJ R 0.47 20 0.5 4 25 TAJS474*020#NJ S 0.47 20 0.5 4 25 TAJR684*020#NJ R 0.68 20 0.5 4 20 TAJS684*020#NJ S 0.68 20 0.5 4 25 TAJT684*020#NJ T 0.68 20 0.5 4 15 TAJR105*020#NJ R 1 20 0.5 4 20 TAJS105*020#NJ S 1 20 0.5 4 12 TAJT105*020#NJ T 1 20 0.5 4 9 TAJP155*020#NJ P 1.5 20 0.5 6 9.6 TAJR155*020#NJ R 1.5 20 0.5 6 9.6 TAJS155*020#NJ S 1.5 20 0.5 6 5.4 TAJT155*020#NJ T 1.5 20 0.5 6 6.5 TAJP225*020#NJ P 2.2 20 0.5 6 8.3 TAJR225*020#NJ R 2.2 20 0.5 6 6 TAJS225*020#NJ S 2.2 20 0.5 6 4.5 TAJT225*020#NJ T 2.2 20 0.5 6 6 TAJT335*020#NJ T 3.3 20 0.7 6 3 TAJT475*020#NJ T 4.7 20 0.9 6 3.1 TAJT685*020#NJ T 6.8 20 1.4 6 2.6 TAJW106*020#NJ W 10 20 2 6 1.9 TAJW156*020#NJ W 15 20 3 6 1.7 TAJW226*020#NJ W 22 20 4.4 6 1.6 TAJY226*020#NJ Y 22 20 4.4 6 0.9 TAJX336*020#NJ X 33 20 6.6 6 0.5 TAJY336*020#NJ Y 33 20 6.6 6 0.6 TAJX476*020#NJ X 47 20 9.4 6 0.4 TAJY476*020#NJ Y 47 20 9.4 6 0.9 TAJY686*020#NJ Y 68 20 13.6 6 0.9 25 Volt @ 85ºC (17 Volt @ 125ºC) TAJR154*025#NJ R 0.15 25 0.5 4 24 TAJR224*025#NJ R 0.22 25 0.5 4 21 TAJR334*025#NJ R 0.33 25 0.5 4 17 TAJR474*025#NJ R 0.47 25 0.5 4 15 TAJS474*025#NJ S 0.47 25 0.5 4 14 TAJR684*025#NJ R 0.68 25 0.5 4 13 TAJS684*025#NJ S 0.68 25 0.5 4 10 TAJP105*025#NJ P 1 25 0.5 4 11 TAJR105*025#NJ R 1 25 0.5 4 8 TAJS105*025#NJ S 1 25 0.5 4 8 TAJP155*025#NJ P 1.5 25 0.5 6 9.6 TAJS155*025#NJ S 1.5 25 0.5 6 5.4 TAJT155*025#NJ T 1.5 25 0.5 6 5 TAJT225*025#NJ T 2.2 25 0.6 6 4.5 TAJT335*025#NJ T 3.3 25 0.8 6 3.5 TAJW335*025#NJ W 3.3 25 0.8 6 1.6 TAJT475*025#NJ T 4.7 25 1.2 6 3.1 TAJW475*025#NJ W 4.7 25 1.2 6 1.2 TAJW685*025#NJ W 6.8 25 1.7 6 2 TAJW106*025#NJ W 10 25 2.5 6 1.8 TAJY156*025#NJ Y 15 25 3.8 6 1 TAJY226*025#NJ Y 22 25 5.5 6 0.9 TAJY336*025#NJ Y 33 25 8.3 6 0.5 TAJY476*025#NJ Y 47 25 11.8 6 0.9 35 Volt @ 85ºC (23 Volt @ 125ºC) TAJR104*035#NJ R 0.1 35 0.5 4 29 TAJS104*035#NJ S 0.1 35 0.5 4 24 TAJR154*035#NJ R 0.15 35 0.5 4 24 TAJS154*035#NJ S 0.15 35 0.5 4 21 TAJR224*035#NJ R 0.22 35 0.5 4 21 TAJS224*035#NJ S 0.22 35 0.5 4 18 TAJR334*035#NJ R 0.33 35 0.5 4 17 TAJS334*035#NJ S 0.33 35 0.5 4 15 TAJR474*035#NJ R 0.47 35 0.5 4 15 TAJS474*035#NJ S 0.47 35 0.5 4 12 TAJT474*035#NJ T 0.47 35 0.5 4 10 |